Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC1055LP2CE Datasheet(PDF) 3 Page - Analog Devices

Part # HMC1055LP2CE
Description  0.5 GHz to 4.0 GHz, GaAs, SPST Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1055LP2CE Datasheet(HTML) 3 Page - Analog Devices

  HMC1055LP2CE Datasheet HTML 1Page - Analog Devices HMC1055LP2CE Datasheet HTML 2Page - Analog Devices HMC1055LP2CE Datasheet HTML 3Page - Analog Devices HMC1055LP2CE Datasheet HTML 4Page - Analog Devices HMC1055LP2CE Datasheet HTML 5Page - Analog Devices HMC1055LP2CE Datasheet HTML 6Page - Analog Devices HMC1055LP2CE Datasheet HTML 7Page - Analog Devices HMC1055LP2CE Datasheet HTML 8Page - Analog Devices HMC1055LP2CE Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Data Sheet
HMC1055
Rev. A | Page 3 of 10
SPECIFICATIONS
VDD = 3 V , VCTL = 0 V or VDD, TA = 25°C, 50 Ω system, unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
FREQUENCY
0.5
4.0
GHz
INSERTION LOSS
0.5 GHz to 2.0 GHz
0.7
dB
2.0 GHz to 4.0 GHz
1.4
dB
ISOLATION
0.5 GHz to 2.0 GHz
36
dB
2.0 GHz to 4.0 GHz
28
dB
RETURN LOSS
On State
0.5 GHz to 2.0 GHz, RF1 and RF2 ports
27
dB
2.0 GHz to 4.0 GHz, RF1 and RF2 ports
25
dB
Off State
0.5 GHz to 2.0 GHz, RF2 port
12
dB
2.0 GHz to 4.0 GHz, RF2 port
24
dB
INPUT LINEARITY
0.5 GHz to 4.0 GHz
Input 0.1 dB Compression (P0.1dB)
28
dBm
Input Third-Order Intercept (IP3)
Two-tone input power = 15 dBm each tone
>60
dBm
SWITCHING CHARACTERISTICS
Rise/Fall Time (t
RISE, tFALL)
10% to 90% RF
40
ns
On/Off Time (t
ON, tOFF)
50% V
CTL to 90% RF
50
ns
CURRENT
Supply (I
DD)
V
DD = 3 V to 5 V
0.2
mA
Control (I
CTL)
0 V or V
DD
<5
µA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com