Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC1055LP2CE Datasheet(PDF) 6 Page - Analog Devices

Part # HMC1055LP2CE
Description  0.5 GHz to 4.0 GHz, GaAs, SPST Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1055LP2CE Datasheet(HTML) 6 Page - Analog Devices

Back Button HMC1055LP2CE Datasheet HTML 2Page - Analog Devices HMC1055LP2CE Datasheet HTML 3Page - Analog Devices HMC1055LP2CE Datasheet HTML 4Page - Analog Devices HMC1055LP2CE Datasheet HTML 5Page - Analog Devices HMC1055LP2CE Datasheet HTML 6Page - Analog Devices HMC1055LP2CE Datasheet HTML 7Page - Analog Devices HMC1055LP2CE Datasheet HTML 8Page - Analog Devices HMC1055LP2CE Datasheet HTML 9Page - Analog Devices HMC1055LP2CE Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
HMC1055
Data Sheet
Rev. A | Page 6 of 10
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 5. Insertion Loss vs. Frequency over Temperature, VDD = 3 V, VCTL = 3 V
Figure 6. RF1 Return Loss vs. Frequency over Temperature,
VDD = 3 V, VCTL = 3 V
Figure 7. RF1 Return Loss vs. Frequency over Temperature,
VDD = 3 V, VCTL = 0 V
Figure 8. Isolation vs. Frequency over Temperature, VDD = 3 V, VCTL = 0 V
Figure 9. RF2 Return Loss vs. Frequency over Temperature,
VDD = 3 V, VCTL = 3 V
Figure 10. RF2 Return Loss vs. Frequency over Temperature,
VDD = 3 V, VCTL = 0 V
0
–5
–4
–3
–2
–1
0
1
2
3
4
5
FREQUENCY (GHz)
+85°C
+25°C
–40°C
0
–35
–30
–25
–15
–5
–20
–10
0
1
2
3
4
5
FREQUENCY (GHz)
+85°C
+25°C
–40°C
0
–10
–8
–6
–4
–2
0
1
2
3
4
5
FREQUENCY (GHz)
+85°C
+25°C
–40°C
0
–70
–60
–50
–30
–10
–40
–20
0
1
2
3
4
5
FREQUENCY (GHz)
+85°C
+25°C
–40°C
0
–35
–30
–25
–15
–5
–20
–10
0
1
2
3
4
5
FREQUENCY (GHz)
+85°C
+25°C
–40°C
0
–35
–30
–25
–15
–5
–20
–10
0
1
2
3
4
5
FREQUENCY (GHz)
+85°C
+25°C
–40°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com