Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC1055LP2CE Datasheet(PDF) 5 Page - Analog Devices

Part # HMC1055LP2CE
Description  0.5 GHz to 4.0 GHz, GaAs, SPST Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1055LP2CE Datasheet(HTML) 5 Page - Analog Devices

  HMC1055LP2CE Datasheet HTML 1Page - Analog Devices HMC1055LP2CE Datasheet HTML 2Page - Analog Devices HMC1055LP2CE Datasheet HTML 3Page - Analog Devices HMC1055LP2CE Datasheet HTML 4Page - Analog Devices HMC1055LP2CE Datasheet HTML 5Page - Analog Devices HMC1055LP2CE Datasheet HTML 6Page - Analog Devices HMC1055LP2CE Datasheet HTML 7Page - Analog Devices HMC1055LP2CE Datasheet HTML 8Page - Analog Devices HMC1055LP2CE Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Data Sheet
HMC1055
Rev. A | Page 5 of 10
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Figure 2. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 4
NIC
Not Internally Connected. These pins are not internally connected but can be grounded.
2, 3
GND
Ground. These pins must be connected to RF ground.
5
RF1
RF Input. This pin is dc-coupled and matched to 50 Ω. A blocking capacitor is required.
6
V
DD
Supply Voltage Pin.
7
V
CTL
Control Input Pin.
8
RF2
RF Output. This pin is dc-coupled and matched to 50 Ω. A blocking capacitor is required.
EPAD
Exposed Pad. The exposed pad must be connected to RF/dc ground.
INTERFACE SCHEMATICS
Figure 3. GND Interface Schematic
Figure 4. VCTL Interface Schematic
8
7
6
1
3
4
5
2
NIC
GND
GND
NIC
RF2
VCTL
VDD
RF1
HMC1055
TOP VIEW
(Not to Scale)
NOTES
1. NIC = NOT INTERNALLY CONNECTED.
2. EXPOSED PAD. THE EXPOSED PAD MUST
BE CONNECTED TO RF/DC GROUND.
GND
R
C
VCTL



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com