Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC1055LP2CE Datasheet(PDF) 1 Page - Analog Devices

Part # HMC1055LP2CE
Description  0.5 GHz to 4.0 GHz, GaAs, SPST Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1055LP2CE Datasheet(HTML) 1 Page - Analog Devices

  HMC1055LP2CE Datasheet HTML 1Page - Analog Devices HMC1055LP2CE Datasheet HTML 2Page - Analog Devices HMC1055LP2CE Datasheet HTML 3Page - Analog Devices HMC1055LP2CE Datasheet HTML 4Page - Analog Devices HMC1055LP2CE Datasheet HTML 5Page - Analog Devices HMC1055LP2CE Datasheet HTML 6Page - Analog Devices HMC1055LP2CE Datasheet HTML 7Page - Analog Devices HMC1055LP2CE Datasheet HTML 8Page - Analog Devices HMC1055LP2CE Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
0.5 GHz to 4.0 GHz, GaAs, SPST Switch
Data Sheet
HMC1055
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Low insertion loss: 0.7 dB typical at 2.0 GHz
High input third-order intercept (IP3): >60 dBm typical
Single positive control: 0 V or 3 V
Small, surface-mount, 8-lead, 2 mm × 2 mm LFCSP package
APPLICATIONS
Cellular infrastructure
Wireless infrastructure
Mobile radios
Test equipment
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
GENERAL DESCRIPTION
The HMC1055 is a low cost, gallium arsenide (GaAs), single-
pole, single-throw (SPST) switch in a surface-mount LFCSP
package. This switch offers low insertion loss, high isolation,
and exceptional third-order intermodulation performance that
make it ideal for many cellular and wireless infrastructure
applications from 0.5 GHz to 4.0 GHz.
The HMC1055 operates with single positive supply voltage and
a single positive control voltage at very low dc currents. RF1 is
reflective open, whereas RF2 is terminated to 50 Ω in the off
state.
8
7
6
1
3
4
5
2
NIC
GND
GND
NIC
RF2
VCTL
VDD
RF1
GND
PACKAGE
BASE
HMC1055


Similar Part No. - HMC1055LP2CE

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC1055LP2CE HITTITE-HMC1055LP2CE Datasheet
830Kb / 6P
Automotive Telematics
More results

Similar Description - HMC1055LP2CE

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-393 MACOM-SW-393 Datasheet
129Kb / 3P
GaAs SPST High Isolation Terminated Switch 0.5 - 2.0 GHz
MASW-007070-000100 MACOM-MASW-007070-000100 Datasheet
266Kb / 5P
GaAs SPST Switch, Absorptive, Single Supply, DC-4.0 GHz
MASW-007071-000100 MACOM-MASW-007071-000100 Datasheet
268Kb / 5P
GaAs SPST Switch, Absorptive, Single Supply, DC-4.0 GHz
MASWSS0148 MACOM-MASWSS0148 Datasheet
218Kb / 4P
GaAs SPST High Isolation Terminated Switch 0.3 - 4.0 GHz
logo
Skyworks Solutions Inc.
AS156-73 SKYWORKS-AS156-73 Datasheet
116Kb / 4P
GaAs IC SPST Switch Single Positive Control 0.5-2.5 GHz
logo
M/A-COM Technology Solu...
MASWSS0148 MA-COM-MASWSS0148 Datasheet
130Kb / 4P
GaAs SPST High Isolation Terminated Switch 0.3 - 4.0 GHz
SW90-0001 MA-COM-SW90-0001 Datasheet
152Kb / 5P
GaAs SPST Switch, Absorptive, Single Supply, DC-4.0 GHz
MASW-007070-000100 MA-COM-MASW-007070-000100 Datasheet
154Kb / 5P
GaAs SPST Switch, Absorptive, Single Supply, DC-4.0 GHz
SW-393 MA-COM-SW-393 Datasheet
108Kb / 3P
GaAs SPST High Isolation Terminated Switch 0.5 - 2.0 GHz
logo
Skyworks Solutions Inc.
SKY13347-360LF SKYWORKS-SKY13347-360LF Datasheet
845Kb / 9P
0.5 to 4.0 GHz SPST Switch, 50 Terminated
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com