Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC1055LP2CE Datasheet(PDF) 9 Page - Analog Devices

Part # HMC1055LP2CE
Description  0.5 GHz to 4.0 GHz, GaAs, SPST Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1055LP2CE Datasheet(HTML) 9 Page - Analog Devices

Back Button HMC1055LP2CE Datasheet HTML 2Page - Analog Devices HMC1055LP2CE Datasheet HTML 3Page - Analog Devices HMC1055LP2CE Datasheet HTML 4Page - Analog Devices HMC1055LP2CE Datasheet HTML 5Page - Analog Devices HMC1055LP2CE Datasheet HTML 6Page - Analog Devices HMC1055LP2CE Datasheet HTML 7Page - Analog Devices HMC1055LP2CE Datasheet HTML 8Page - Analog Devices HMC1055LP2CE Datasheet HTML 9Page - Analog Devices HMC1055LP2CE Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Data Sheet
HMC1055
Rev. A | Page 9 of 10
APPLICATIONS INFORMATION
EVALUATION PRINTED CIRCUIT BOARD (PCB)
The HMC1055 evaluation board is constructed of a 4-layer
material with a copper thickness of 0.7 mil on each layer. Every
copper layer is separated with a dielectric material. The top
dielectric material is 10 mil RO4350. The middle and bottom
dielectric materials are FR-4, used for mechanical strength and
overall board thickness of approximately 62 mil, which allows
SMA connectors to be slipped in at the board edges.
All RF and dc traces are routed on the top copper layer. The RF
transmission lines are designed using a coplanar waveguide
(CPWG) model, with a width of 16 mil, spacing of 13 mil, and
dielectric thickness of 10 mil, to have a characteristic imped-
ance of 50 Ω. The inner and bottom layers are grounded planes
to provide a solid ground for the RF transmission lines. For
optimal electrical and thermal performance, as many vias as
possible are arranged around the transmission lines and under
the package exposed pad. The evaluation board layout shown in
Figure 14 serves as a recommendation for optimal and stable
performance, as well as for improvement of thermal efficiency.
The package ground pins are connected directly to the ground
plane. The supply voltage and control voltage must be con-
nected to the dc pins, J3 and J4, respectively, of the evaluation
board. One decoupling capacitor is populated on the supply
trace to filter high frequency noise.
The RF input and output ports (RF1 and RF2) are connected
through 50 Ω transmission lines to the SMA connectors, J1
and J2, respectively. The RF1 and RF2 ports are ac-coupled
with capacitors of an appropriate value to ensure broadband
performance. A thru calibration line connects J5 and J6; this
transmission line is used to estimate the loss of the PCB over
the environmental conditions being evaluated.
EVALUATION BOARD SCHEMATIC AND ARTWORK
Figure 13. Evaluation Board Schematic
Table 5. List of Materials for EVAL01-HMC1055LP2C
Item
Description
J1, J2
PCB mount, SMA, RF connector
J3, J4
DC pin
C1
1 nF capacitor, 0402 package
C2, C3
330 pF capacitor, 0402 package
U1
HMC1055 SPST switch
PCB
600-00215-00-1 evaluation PCB
Figure 14. Evaluation Board Layout—Top View
J6
DEPOP
1
J5
DEPOP
1
C4
330pF
DEPOP
C5
330pF
DEPOP
U1
HMC1055
J2
RF2
1
C3
330pF
J4
J3
J1
RF1
1
C2
330pF
C1
1nF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com