Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC1055LP2CE Datasheet(PDF) 2 Page - Analog Devices

Part # HMC1055LP2CE
Description  0.5 GHz to 4.0 GHz, GaAs, SPST Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1055LP2CE Datasheet(HTML) 2 Page - Analog Devices

  HMC1055LP2CE Datasheet HTML 1Page - Analog Devices HMC1055LP2CE Datasheet HTML 2Page - Analog Devices HMC1055LP2CE Datasheet HTML 3Page - Analog Devices HMC1055LP2CE Datasheet HTML 4Page - Analog Devices HMC1055LP2CE Datasheet HTML 5Page - Analog Devices HMC1055LP2CE Datasheet HTML 6Page - Analog Devices HMC1055LP2CE Datasheet HTML 7Page - Analog Devices HMC1055LP2CE Datasheet HTML 8Page - Analog Devices HMC1055LP2CE Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
HMC1055
Data Sheet
Rev. A | Page 2 of 10
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Absolute Maximum Ratings............................................................ 4
ESD Caution.................................................................................. 4
Pin Configuration and Function Descriptions............................. 5
Interface Schematics .....................................................................5
Typical Performance Characteristics ..............................................6
Theory of Operation .........................................................................8
Applications Information .................................................................9
Evaluation Printed Circuit Board (PCB)....................................9
Evaluation Board Schematic and Artwork ................................9
Outline Dimensions....................................................................... 10
Ordering Guide .......................................................................... 10
REVISION HISTORY
2/16—v00.0912 to Rev. A
This Hittite Microwave Products data sheet has been reformatted
to meet the styles and standards of Analog Devices, Inc.
Changed NC to NIC...................................................... Throughout
Changes to Title, Features Section, Applications Section,
Figure 1, and General Description Section................................... 1
Changes to Table 1............................................................................ 3
Changes to Table 2............................................................................ 4
Added Figure 2; Renumbered Sequentially .................................. 5
Changes to Table 3............................................................................ 5
Deleted Typical Application Circuit............................................... 5
Changes to Figure 5...........................................................................6
Changes to Figure 11 and Figure 12 ...............................................7
Changes to Theory of Operation Section and Table 4 .................8
Added Applications Information Section, Evaluation Printed
Circuit Board Section, Evaluation Board Schematic and
Artwork Section, and Figure 13; Renumbered Sequentially .......9
Changes to Table 5.............................................................................9
Updated Outline Dimensions....................................................... 10
Changes to Ordering Guide.......................................................... 10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com