Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6010SCPZN-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADL6010SCPZN-R7
Description  Fast Responding, 45 dB Range, 0.5 GHz to 43.5 GHz Envelope Detector
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6010SCPZN-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADL6010SCPZN-R7 Datasheet HTML 1Page - Analog Devices ADL6010SCPZN-R7 Datasheet HTML 2Page - Analog Devices ADL6010SCPZN-R7 Datasheet HTML 3Page - Analog Devices ADL6010SCPZN-R7 Datasheet HTML 4Page - Analog Devices ADL6010SCPZN-R7 Datasheet HTML 5Page - Analog Devices ADL6010SCPZN-R7 Datasheet HTML 6Page - Analog Devices ADL6010SCPZN-R7 Datasheet HTML 7Page - Analog Devices ADL6010SCPZN-R7 Datasheet HTML 8Page - Analog Devices ADL6010SCPZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Data Sheet
ADL6010
Parameter
Test Conditions/Comments
Min
Typ1
Max
Unit
FREQUENCY = 25 GHz
Input RFIN to output VOUT
Detection Range
±1 dB Error
CW input
46
dB
Maximum Input Level, ±1 dB
Three point calibration at −28 dBm, −10 dBm, and +8 dBm
15
dBm
Minimum Input Level, ±1 dB
Three point calibration at −28 dBm, −10 dBm, and +8 dBm
−30
dBm
Deviation vs. Temperature
Deviation from output at 25°C
−40°C < TA < +85°C, PIN = +10 dBm
+0.2/−0.2
dB
−55°C < TA < +125°C, PIN = +10 dBm
+0.3/−0.4
dB
−40°C < TA < +85°C, PIN = −10 dBm
+0.2/−0.4
dB
−55°C < TA < +125°C, PIN = −10 dBm
+0.3/−0.7
dB
Slope
Calibration at −14 dBm and +10 dBm
2.3
V/VPEAK
Intercept
Calibration at −14 dBm and +10 dBm
0.55
V
Output Voltage
PIN = +10 dBm
2.36
V
PIN = −10 dBm
0.242
V
FREQUENCY = 30 GHz
Input RFIN to output VOUT
Detection Range
±1 dB Error
CW input
45
dB
Maximum Input Level, ±1 dB
Three point calibration at −26 dBm, 0 dBm, and +10 dBm
16
dBm
Minimum Input Level, ±1 dB
Three point calibration at −26 dBm, 0 dBm, and +10 dBm
−29
dBm
Deviation vs. Temperature
Deviation from output at 25°C
−40°C < TA < +85°C, PIN = +10 dBm
+0.3/−0.2
dB
−55°C < TA < +125°C, PIN = +10 dBm
+0.4/−0.4
dB
−40°C < TA < +85°C, PIN = −10 dBm
+0.5/−0.5
dB
−55°C < TA < +125°C, PIN = −10 dBm
+0.6/−0.8
dB
Slope
Calibration at 0 dBm and +10 dBm
2.3
V/VPEAK
Intercept
Calibration at 0 dBm and +10 dBm
0.6
V
Output Voltage
PIN = +10 dBm
2.2
V
PIN = −10 dBm
0.21
V
FREQUENCY = 35 GHz
Input RFIN to output VOUT
Detection Range
±1 dB Error
CW input
44
dB
Maximum Input Level, ±1 dB
Three point calibration at −25 dBm, 0 dBm, and +10 dBm
15
dBm
Minimum Input Level, ±1 dB
Three point calibration at −25 dBm, 0 dBm, and +10 dBm
−29
dBm
Deviation vs. Temperature
Deviation from output at 25°C
−40°C < TA < +85°C, PIN = +10 dBm
+0.4/−0.4
dB
−55°C < TA < +125°C, PIN = +10 dBm
+0.5/−0.6
dB
−40°C < TA < +85°C, PIN = −10 dBm
+0.5/−0.5
dB
−55°C < TA < +125°C, PIN = −10 dBm
+0.6/−1.6
dB
Slope
Calibration at 0 dBm and 10 dBm
2.4
V/VPEAK
Intercept
Calibration at 0 dBm and 10 dBm
0.6
V
Output Voltage
PIN = +10 dBm
2.3
V
PIN = −10 dBm
0.198
V
Rev. A | Page 5 of 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com