Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6010SCPZN-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADL6010SCPZN-R7
Description  Fast Responding, 45 dB Range, 0.5 GHz to 43.5 GHz Envelope Detector
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6010SCPZN-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADL6010SCPZN-R7 Datasheet HTML 5Page - Analog Devices ADL6010SCPZN-R7 Datasheet HTML 6Page - Analog Devices ADL6010SCPZN-R7 Datasheet HTML 7Page - Analog Devices ADL6010SCPZN-R7 Datasheet HTML 8Page - Analog Devices ADL6010SCPZN-R7 Datasheet HTML 9Page - Analog Devices ADL6010SCPZN-R7 Datasheet HTML 10Page - Analog Devices ADL6010SCPZN-R7 Datasheet HTML 11Page - Analog Devices ADL6010SCPZN-R7 Datasheet HTML 12Page - Analog Devices ADL6010SCPZN-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Data Sheet
ADL6010
TYPICAL PERFORMANCE CHARACTERISTICS
VPOS = 5.0 V, CLOAD = open, TA = 25°C, unless otherwise specified. Error referred to slope and intercept at indicated calibration points.
Single-ended input drive, input RF signal is a continuous sine wave, unless otherwise noted.
Figure 3. Output Voltage (VOUT) vs. RF Input Power (PIN) for
Various Supply Voltages
Figure 4. Supply Current vs. RF Input Power (PIN) for Various Temperatures
Figure 5. Input Return Loss (S11) vs. Input Frequency with
Input Connector and PCB Trace Embedded
Figure 6. Envelope Bandwidth of VOUT vs. Frequency at PIN = −10 dBm and
Modulation Depth = 10% (See Figure 36 in the Measurement Setups Section)
Figure 7. Conformance Error and Output Voltage (VOUT) vs.
RF Input Power (PIN) for Various Temperatures at 0.5 GHz
Figure 8. Conformance Error and Output Voltage (VOUT) vs.
RF Input Power (PIN) for Various Temperatures at 1 GHz
15
5
–5
–15
–25
–35
20
10
0
–10
–20
–30
–40
PIN (dBm)
5
4
3
2
1
0
VPOS = 4.75V
VPOS = 5.00V
VPOS = 5.25V
15
5
–5
–15
–25
–35
20
10
0
–10
–20
–30
–40
2.6
2.4
2.2
2.0
1.8
1.6
1.4
1.2
PIN (dBm)
–55°C
–40°C
+25°C
+85°C
+125°C
40
35
30
25
20
15
10
5
0.5
0
–5
–10
–15
–20
FREQUENCY (GHz)
–8
–7
–6
–5
–4
–3
–2
–1
0
1
0.1
1
10
100
FREQUENCY (MHz)
15
5
–5
–15
–25
20
10
0
–10
–20
–30
4
3
2
1
0
–1
–2
–3
–4
10
1
0.1
0.01
0.001
PIN (dBm)
–55°C
–40°C
+25°C
+85°C
+125°C
CALIBRATION AT
–26dBm, –14dBm, AND +5dBm
15
5
–5
–15
–25
20
10
0
–10
–20
–30
4
3
2
1
0
–1
–2
–3
–4
10
1
0.1
0.01
0.001
PIN (dBm)
–55°C
–40°C
+25°C
+85°C
+125°C
CALIBRATION AT –25dBm, –10dBm, AND +8dBm
Rev. A | Page 9 of 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com