Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6010SCPZN-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADL6010SCPZN-R7
Description  Fast Responding, 45 dB Range, 0.5 GHz to 43.5 GHz Envelope Detector
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6010SCPZN-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADL6010SCPZN-R7 Datasheet HTML 13Page - Analog Devices ADL6010SCPZN-R7 Datasheet HTML 14Page - Analog Devices ADL6010SCPZN-R7 Datasheet HTML 15Page - Analog Devices ADL6010SCPZN-R7 Datasheet HTML 16Page - Analog Devices ADL6010SCPZN-R7 Datasheet HTML 17Page - Analog Devices ADL6010SCPZN-R7 Datasheet HTML 18Page - Analog Devices ADL6010SCPZN-R7 Datasheet HTML 19Page - Analog Devices ADL6010SCPZN-R7 Datasheet HTML 20Page - Analog Devices ADL6010SCPZN-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
Data Sheet
ADL6010
BASIC CONNECTIONS
The basic connections are shown in Figure 37. A dc supply of
nominally 5 V is required. The bypass capacitors (C1 and C2)
provide supply decoupling for the output buffer. Place these
capacitors as close as possible to the VPOS pin. The exposed
pad is internally connected to the IC ground and must be
soldered down to a low impedance ground on the PCB. A filter
capacitor (CLOAD) and series resistor (R1) may be inserted to
form a low-pass filter for the output envelope. Small CLOAD
values allow a quicker response to an RF burst waveform, and
high CLOAD values provide signal averaging and noise reduction.
Figure 37. Basic Connections
PCB LAYOUT RECOMMENDATIONS
Parasitic elements of the PCB such as coupling and radiation
limit accuracy at very high frequencies. Ensure faithful power
transmission from the connector to the internal circuit of the
ADL6010. Microstrip and CPW are popular forms of
transmission lines because of their ease of fabrication and low
cost. In the ADL6010 evaluation board, a grounded CPW
(GCPW) minimizes radiation effects and provides the maximum
bandwidth by using two rows of grounding vias on both sides
of the signal trace.
Figure 38 shows the PCB layout of the ADL6010 evaluation
board in detail. Minimize air gaps between the vias to ensure
reliable transmission. Because a certain minimum distance
between two adjacent grounding vias in a single row is needed,
adding a second row of grounding vias on both sides of the
GCPW is recommended. In this way, a much smaller equivalent
air gap between grounding vias is achieved, and better
transmission is accomplished.
Figure 38. ADL6010 Evaluation Board
SYSTEM CALIBRATION AND ERROR CALCULATION
The measured transfer function of the ADL6010 at 10 GHz is
shown in Figure 39. This plots both the conformance error and
the output voltage vs. the input level at +25°C, +85°C, +125°C,
−40°C, and −55°C. Over the input level range from −30 dBm to
+15 dBm, the output voltage varies from approximately 20 mV
to 4.3 V.
Figure 39. Conformance Error and Output Voltage vs. RF Input Power (PIN) for
Various Temperatures (−55°C, −40°C, +25°C, +85°C, and +125°C) at 10 GHz
Using Two Point Calibration
To achieve the highest measurement accuracy, perform
calibration at the board level, as the IC scaling varies from
device to device.
Calibration begins by applying two or more known signal levels,
VIN1 and VIN2, within the operating range of the IC, and noting
the corresponding outputs, VOUT1 and VOUT2. From these
measurements, the slope and intercept of the scaling is extracted.
For a two point calibration, the calculations are as follows:
Slope = (VOUT2 − VOUT1)/(VIN2 − VIN1)
Intercept = VOUT1 − (Slope × VIN1)
where:
Each VIN is the equivalent peak input voltage to RFIN, at a 50 Ω
input impedance.
Once the slope and intercept are calculated and stored, use the
following simple equations to calculate the unknown input power:
VIN_CALCULATED = (VOUT (MEASURED) − Intercept)/Slope
PIN_CALCULATED (dBm) = 10log10(1000 × (VIN_CALCULATED/√2)2/50)
The conformance error is
Error (dB) = PIN_CALCULATED (dBm) − PIN_IDEAL (dBm)
Figure 39 includes a plot of this error at −55°C, −40°C, +25°C,
+85°C, and +125°C when using a two point calibration with
inputs at +5 dBm and –20 dBm. The relative error at these two
calibration points is equal to 0 dB by definition.
RFIN
RFCM
VOUT
COMM
CLOAD
(SEE TEXT)
R1
100Ω
VPOS
C1
100pF
C2
0.1µF
4
5
6
3
2
1
LINEARIZER
ADL6010
GND
VIAS
RFIN
PAD
4
3
2
1
0
–1
–2
–3
–4
10
1
0.1
0.01
0.001
PIN (dBm)
–55°C
–40°C
+25°C
+85°C
+125°C
15
5
–5
–15
–25
20
10
0
–10
–20
–30
CALIBRATION AT –20dBm AND +5dBm
Rev. A | Page 17 of 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com