Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6010SCPZN-R7 Datasheet(PDF) 2 Page - Analog Devices

Part # ADL6010SCPZN-R7
Description  Fast Responding, 45 dB Range, 0.5 GHz to 43.5 GHz Envelope Detector
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6010SCPZN-R7 Datasheet(HTML) 2 Page - Analog Devices

  ADL6010SCPZN-R7 Datasheet HTML 1Page - Analog Devices ADL6010SCPZN-R7 Datasheet HTML 2Page - Analog Devices ADL6010SCPZN-R7 Datasheet HTML 3Page - Analog Devices ADL6010SCPZN-R7 Datasheet HTML 4Page - Analog Devices ADL6010SCPZN-R7 Datasheet HTML 5Page - Analog Devices ADL6010SCPZN-R7 Datasheet HTML 6Page - Analog Devices ADL6010SCPZN-R7 Datasheet HTML 7Page - Analog Devices ADL6010SCPZN-R7 Datasheet HTML 8Page - Analog Devices ADL6010SCPZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
ADL6010
Data Sheet
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Absolute Maximum Ratings............................................................ 7
ESD Caution.................................................................................. 7
Pin Configuration and Function Descriptions............................. 8
Typical Performance Characteristics ............................................. 9
Measurement Setups ...................................................................... 15
Theory of Operation ...................................................................... 16
Basic Connections...................................................................... 17
PCB Layout Recommendations ............................................... 17
System Calibration and Error Calculation.............................. 17
Effect of a Capacitave Load on Rise Time and Fall Time ..... 19
Evaluation Board ............................................................................ 20
Evaluation Board Assembly Drawings .................................... 21
Outline Dimensions....................................................................... 22
Ordering Guide .......................................................................... 22
REVISION HISTORY
9/14—Rev. 0 to Rev. A
Deleted Figure 3 and Figure 6; Renumbered Sequentially.......... 9
Deleted Figure 39 and Changes to Theory of Operation Section..16
7/14—Revision 0: Initial Version
Rev. A | Page 2 of 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com