Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6010SCPZN-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADL6010SCPZN-R7
Description  Fast Responding, 45 dB Range, 0.5 GHz to 43.5 GHz Envelope Detector
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6010SCPZN-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADL6010SCPZN-R7 Datasheet HTML 8Page - Analog Devices ADL6010SCPZN-R7 Datasheet HTML 9Page - Analog Devices ADL6010SCPZN-R7 Datasheet HTML 10Page - Analog Devices ADL6010SCPZN-R7 Datasheet HTML 11Page - Analog Devices ADL6010SCPZN-R7 Datasheet HTML 12Page - Analog Devices ADL6010SCPZN-R7 Datasheet HTML 13Page - Analog Devices ADL6010SCPZN-R7 Datasheet HTML 14Page - Analog Devices ADL6010SCPZN-R7 Datasheet HTML 15Page - Analog Devices ADL6010SCPZN-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
ADL6010
Data Sheet
Figure 21. Conformance Error and Output Voltage (VOUT) vs.
RF Input Power (PIN) for Various Temperatures at 35 GHz
Figure 22. Distribution of Conformance Error with Respect to Output Voltage
(VOUT) at 25°C vs. RF Input Power (PIN) for Various Temperatures at 25 GHz
Figure 23. Distribution of Conformance Error with Respect to Output Voltage
(VOUT) at 25°C vs. RF Input Power (PIN) for Various Temperatures at 30 GHz
Figure 24. Distribution of Conformance Error with Respect to Output Voltage
(VOUT) at 25°C vs. RF Input Power (PIN) for Various Temperatures at 35 GHz
Figure 25. Conformance Error and Output Voltage (VOUT) vs.
RF Input Power (PIN) for Various Temperatures at 40 GHz
Figure 26. Distribution of VOUT Offset with No Applied PIN at 25°C
15
5
–5
–15
–25
20
10
0
–10
–20
–30
4
3
2
1
0
–1
–2
–3
–4
10
1
0.1
0.01
0.001
PIN (dBm)
–55°C
–40°C
+25°C
+85°C
+125°C
CALIBRATION AT –25dBm, 0dBm, AND +10dBm
20
10
15
0
5
–5
–10
–15
–20
–25
–30
3
2
1
0
–1
–2
–3
–4
10
1
0.1
0.01
0.001
PIN (dBm)
–55°C
–40°C
+25°C
+85°C
+125°C
CALIBRATION AT –28dBm, –10dBm, AND +8dBm
4
20
10
0
–10
–20
–30
4
3
2
1
0
–1
–2
–3
–4
10
1
0.1
0.01
0.001
15
5
–5
–15
–25
PIN (dBm)
CALIBRATION AT –26dBm, 0dBm, AND +10dBm
–55°C
–40°C
+25°C
+85°C
+125°C
20
10
0
–10
–20
–30
4
3
2
1
0
–1
–2
–3
–4
10
1
0.1
0.01
0.001
15
5
–5
–15
–25
PIN (dBm)
–55°C
–40°C
+25°C
+85°C
+125°C
CALIBRATION AT –25dBm, 0dBm, AND +10dBm
15
5
–5
–15
–25
20
10
0
–10
–20
–30
4
3
2
1
0
–1
–2
–3
–4
10
1
0.1
0.01
0.001
PIN (dBm)
–55°C
–40°C
+25°C
+85°C
+125°C
CALIBRATION AT –20dBm, 0dBm, AND +10dBm
14
12
10
8
6
4
2
5000
4000
3000
2000
1000
0
OFFSET (mV)
REPRESENTS MORE THAN 11,000 PARTS
Rev. A | Page 12 of 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com