Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6010SCPZN-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADL6010SCPZN-R7
Description  Fast Responding, 45 dB Range, 0.5 GHz to 43.5 GHz Envelope Detector
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6010SCPZN-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADL6010SCPZN-R7 Datasheet HTML 10Page - Analog Devices ADL6010SCPZN-R7 Datasheet HTML 11Page - Analog Devices ADL6010SCPZN-R7 Datasheet HTML 12Page - Analog Devices ADL6010SCPZN-R7 Datasheet HTML 13Page - Analog Devices ADL6010SCPZN-R7 Datasheet HTML 14Page - Analog Devices ADL6010SCPZN-R7 Datasheet HTML 15Page - Analog Devices ADL6010SCPZN-R7 Datasheet HTML 16Page - Analog Devices ADL6010SCPZN-R7 Datasheet HTML 17Page - Analog Devices ADL6010SCPZN-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
ADL6010
Data Sheet
Figure 31. RF Burst Input Response, Rising Edge (see Figure 34 in the
Measurement Setups Section)
Figure 32. VPOS Turn-On Pulse Response (see Figure 35 in the Measurement
Setups Section)
Figure 33. RF Burst Input Response, Falling Edge (see Figure 34 in the
Measurement Setups Section)
0
0.5
1.0
1.5
2.0
2.5
3.0
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.10
TIME (µs)
1GHz BURST REFERENCE
+10dBm
0dBm
–10dBm
–20dBm
–30
–25
–20
–15
–10
–5
0
5
10
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
TIME (µs)
–20dBm
–10dBm
0dBm
+10dBm
VPOS PULSE
0
0.5
1.0
1.5
2.0
2.5
3.0
0.80
0.85
0.90
0.95
1.00
1.05
1.10
1.15
1.20
1.30
1.25
TIME (µs)
1GHz BURST REFERENCE
+10dBm
0dBm
–10dBm
–20dBm
Rev. A | Page 14 of 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com