Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6010SCPZN-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADL6010SCPZN-R7
Description  Fast Responding, 45 dB Range, 0.5 GHz to 43.5 GHz Envelope Detector
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6010SCPZN-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADL6010SCPZN-R7 Datasheet HTML 14Page - Analog Devices ADL6010SCPZN-R7 Datasheet HTML 15Page - Analog Devices ADL6010SCPZN-R7 Datasheet HTML 16Page - Analog Devices ADL6010SCPZN-R7 Datasheet HTML 17Page - Analog Devices ADL6010SCPZN-R7 Datasheet HTML 18Page - Analog Devices ADL6010SCPZN-R7 Datasheet HTML 19Page - Analog Devices ADL6010SCPZN-R7 Datasheet HTML 20Page - Analog Devices ADL6010SCPZN-R7 Datasheet HTML 21Page - Analog Devices ADL6010SCPZN-R7 Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
Data Sheet
ADL6010
EFFECT OF A CAPACITAVE LOAD ON RISE TIME
AND FALL TIME
The ADL6010 can measure both the instantaneous envelope
power and the average power of an RF signal. When VOUT is
unloaded, the output follows the envelope of the input tracking
bandwidths up to 40 MHz. By adding a simple RC circuit to the
basic connections circuit as shown in Figure 37, the output
signal can be averaged using single pole filtering.
In applications where the response bandwidth is fairly low,
place a large shunt capacitor, CLOAD, directly on the VOUT pin.
Figure 43 shows how rise time and fall time depend on CLOAD
when the ADL6010 is driven by a square wave modulated RF
input at a carrier frequency of 1 GHz.
Figure 43. Rising Time/Falling Time vs. CLOAD for a 1 GHz Modulated Pulsed
Waveform with PIN = 0 dBm
0.001
0.01
0.1
1
10
100
1000
0.01
0.1
1
10
100
1000
CLOAD (nF)
FALL TIME (µs)
90% TO 10%
RISE TIME (µs)
10% TO 90%
Rev. A | Page 19 of 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com