Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6010SCPZN-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADL6010SCPZN-R7
Description  Fast Responding, 45 dB Range, 0.5 GHz to 43.5 GHz Envelope Detector
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6010SCPZN-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADL6010SCPZN-R7 Datasheet HTML 1Page - Analog Devices ADL6010SCPZN-R7 Datasheet HTML 2Page - Analog Devices ADL6010SCPZN-R7 Datasheet HTML 3Page - Analog Devices ADL6010SCPZN-R7 Datasheet HTML 4Page - Analog Devices ADL6010SCPZN-R7 Datasheet HTML 5Page - Analog Devices ADL6010SCPZN-R7 Datasheet HTML 6Page - Analog Devices ADL6010SCPZN-R7 Datasheet HTML 7Page - Analog Devices ADL6010SCPZN-R7 Datasheet HTML 8Page - Analog Devices ADL6010SCPZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Fast Responding, 45 dB Range,
0.5 GHz to 43.5 GHz Envelope Detector
Data Sheet
ADL6010
FEATURES
Schottky diode detector with linearization
Broadband 50 Ω input impedance
Accurate response from 0.5 GHz to 43.5 GHz with minimal
slope variation
Input range of −30 dBm to +15 dBm, referred to 50 Ω
Excellent temperature stability
2.1 V/VPEAK (output voltage per input peak voltage) slope at
10 GHz
Fast envelope bandwidth: 40 MHz
Fast output rise time: 4 ns
Low power consumption: 1.6 mA at 5.0 V
2 mm × 2 mm, 6-lead LFCSP package
APPLICATIONS
Microwave point to point links
Microwave instrumentation
Radar-based measurement systems
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
GENERAL DESCRIPTION
The ADL6010 is a versatile, broadband envelope detector
covering the microwave spectrum. It provides state-of-the-
art accuracy with very low power consumption (8 mW) in a
simple, easy to use 6-lead format. The output is a baseband
voltage proportional to the instantaneous amplitude of the radio
frequency (RF) input signal. It exhibits minimal slope variation
of the RF input to envelope output transfer function from
0.5 GHz to 43.5 GHz.
The detector cell uses a proprietary eight Schottky diode array
followed by a novel linearizer circuit that creates a linear
voltmeter with an overall scaling factor (or transfer gain) of
nominally ×2.2 relative to the voltage amplitude of the input.
Although the ADL6010 is not inherently a power responding
device, it remains convenient to specify the input in this way.
Thus, the permissible input power, relative to a 50 Ω source input
impedance, ranges from −30 dBm to +15 dBm. The corresponding
input voltage amplitudes of 11.2 mV to 1.8 V generate quasi-dc
outputs from about 25 mV to 4 V above common (COMM).
A subtle aspect of the balanced detector topology is that no
even-order distortion, caused by nonlinear source loading,
occurs at the input. This is an important benefit in applications
where a low ratio coupler is used to extract a signal sample and
is a significant improvement over traditional diode detectors.
The power equivalent of a fluctuating RF input amplitude can
be extracted by the addition of an rms-to-dc converter IC.
Alternatively, the baseband output can be applied to a suitably
fast analog-to-digital converter (ADC) and the rms value (and
other signal metrics, such as peak to average ratio) calculated in
the digital domain.
The output response accuracy is insensitive to variation in the
supply voltage, which can range from 4.75 V to 5.25 V. The
ultralow power dissipation contributes to its long-term stability.
The ADL6010A is specified for operation from −40°C to +85°C,
and the ADL6010S is specified for operation from −55°C to
+125°C. Both are available in a 6-lead, 2 mm × 2 mm LFCSP
package.
4
5
6
3
2
1
LINEARIZER
RFCM
ADL6010
RFIN
RFCM
VPOS
VOUT
COMM
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2014 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com


Similar Part No. - ADL6010SCPZN-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL6010SCPZN-R7 AD-ADL6010SCPZN-R7 Datasheet
457Kb / 10P
Fast Responding, 45-dB Range 500 MHz to 40 GHz Power Detector
Rev. PrB
ADL6010SCPZN-R7 AD-ADL6010SCPZN-R7 Datasheet
1Mb / 22P
Fast Responding, 45 dB Range, 0.5 GHz to 43.5 GHz Envelope Detector
Jun-2017
ADL6010SCPZN-R7 AD-ADL6010SCPZN-R7 Datasheet
1Mb / 23P
Fast Responding, 45 dB Range, 0.5 GHz to 43.5 GHz Envelope Detector
Rev. E
More results

Similar Description - ADL6010SCPZN-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8312 AD-AD8312_05 Datasheet
1Mb / 20P
50 MHz to 3.5 GHz, 45 dB RF Detector
4/05-Revision 0
ADL6010ACPZN-R2 AD-ADL6010ACPZN-R2 Datasheet
457Kb / 10P
Fast Responding, 45-dB Range 500 MHz to 40 GHz Power Detector
Rev. PrB
logo
Texas Instruments
LMH2121TME TI-LMH2121TME Datasheet
1Mb / 30P
LMH2121 3 GHz Fast-Responding Linear Power Detector with 40 dB Dynamic Range
logo
Analog Devices
AD8312 AD-AD8312_15 Datasheet
1Mb / 20P
50 MHz to 3.5 GHz, 45 dB RF Detector
REV. A
logo
Texas Instruments
LMH2121 TI1-LMH2121 Datasheet
1Mb / 30P
3 GHz Fast-Responding Linear Power Detector with 40 dB Dynamic Range
logo
Analog Devices
ADL5506 AD-ADL5506 Datasheet
1Mb / 24P
30 MHz to 4.5 GHz, 45 dB RF Detector
Rev. A
ADL5910 AD-ADL5910 Datasheet
1Mb / 22P
DC to 6 GHz, ??5 dB Envelope Threshold Detector/Trigger
Rev. 0
ADL6010 AD-ADL6010_17 Datasheet
1Mb / 22P
Fast Responding, 45 dB Range, 0.5 GHz to 43.5 GHz Envelope Detector
Jun-2017
ADL6012 AD-ADL6012_V01 Datasheet
703Kb / 24P
2 GHz to 67 GHz, 500 MHz Bandwidth Envelope Detector
5/2020-Revision 0
ADL6010 AD-ADL6010_V01 Datasheet
1Mb / 23P
Fast Responding, 45 dB Range, 0.5 GHz to 43.5 GHz Envelope Detector
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com