Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC418 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC418
Description  Dual High-Speed, Low-Power Line Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC418 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  CLC418 Datasheet HTML 1Page - National Semiconductor (TI) CLC418 Datasheet HTML 2Page - National Semiconductor (TI) CLC418 Datasheet HTML 3Page - National Semiconductor (TI) CLC418 Datasheet HTML 4Page - National Semiconductor (TI) CLC418 Datasheet HTML 5Page - National Semiconductor (TI) CLC418 Datasheet HTML 6Page - National Semiconductor (TI) CLC418 Datasheet HTML 7Page - National Semiconductor (TI) CLC418 Datasheet HTML 8Page - National Semiconductor (TI) CLC418 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
http://www.national.com
Typical Performance Characteristics (A
v = +2, Rf = 1kΩ, RL = 100Ω, VCC = + 5V, T = 25°C; CLC418AJ; unless specified)
Non-Inverting Frequency Response
Frequency (Hz)
408 Plot1
10M
-90
-180
-450
-270
-360
1M
100M
Av+1
Av+2
Rf=953
Av+2
Av+5
Rf=402
Av+5
Av+10
Rf=200
Av+10
Av+1
Rf=3k
0
Vo = 1Vpp
Gain
Phase
Inverting Frequency Response
Frequency (Hz)
408 Plot2
10M
0
-270
-360
-450
-90
-180
1M
100M
Av-1
Av-2
Rf=681
Av-2
Av-5
Rf=301
Av-5
Av-10
Rf=200
Av-10
Av-1
Rf=806
Gain
Phase
Vo = 1Vpp
Frequency Response vs. RL
Frequency (Hz)
408 Plot3
10M
-90
-180
-450
-270
-360
1M
100M
RL=1k
Rf=1.21k
RL=25
RL=100
RL=100
Rf=1k
RL=1k
RL=25
Rf=0.95k
0
Gain
Phase
Vo = 1Vpp
Frequency Response vs. Vout
Frequency (Hz)
408 Plot4
10M
1M
100M
0.10Vpp
2.0Vpp
4.0Vpp
1.0Vpp
Frequency Response vs. Capacitive Load
Frequency (Hz)
408 Plot5
10M
1M
100M
CL=100pF
Rs =24.9
CL=10pF
Rs =100
CL=1000pF
Rs =5.7
CL
1k
Rs
+
-
1k
1k
CL=0pF
Rs =0
Vo = 1Vpp
Small Signal Channel Matching
Frequency (Hz)
418 Plot6
1M
10M
100M
Vo = 1Vpp
-180
-225
-135
-90
-45
0
Channel A
Channel B
Channel A
Channel B
PSRR and CMRR
Frequency (Hz)
408 Plot7
60
50
20
10
0
1k
10k
100k
40
30
CMRR
1M
10M
100M
PSRR
Open Loop Transimpedance Gain, Z(s)
Frequency (Hz)
418 Plot8
1M
100k
100
1k
10k
100M
10k
1k
Gain
180
140
20
100
60
Phase
100k
1M
10M
100
Ω
-
+
CLC418
V
o
I
i
Equivalent Input Noise
Frequency (Hz)
408 Plot9
100
1
1k
10k
100M
10
ibi
100
10
1
100k
1M
10M
eni
ibn
Input-Referred Crosstalk
Frequency (Hz)
418 Plot10
-40
-60
-50
-90
1M
10M
100M
-70
-80
Vo = 1Vpp
2nd & 3rd Harmonic Distortion
Frequency (Hz)
408 Plot10
-50
-40
-30
-20
-60
-90
1M
10M
-70
-80
2nd
RL = 1k
3rd
RL = 100
3rd
RL = 1k
2nd
RL = 100
Vo = 2Vpp
2nd Harmonic Distortion, RL = 25
Ω
Output Amplitude (Vpp)
408 Plot11
-55
-50
-45
-60
-75
0
1
5
-65
-70
1MHz
2
3
4
2MHz
5MHz
10MHz
3rd Harmonic Distortion, RL = 25
Ω
Output Amplitude (Vpp)
408 Plot12
-40
-30
-20
-50
-80
0
1
5
-60
-70
1MHz
2
3
4
2MHz
5MHz
10MHz
2nd Harmonic Distortion, RL = 100
Ω
Output Amplitude (Vpp)
408 Plot13
-90
-85
-80
-75
-70
-65
-60
-55
-50
0
1
5
1MHz
2
3
4
2MHz
5MHz
10MHz
3rd Harmonic Distortion, RL = 100
Ω
Output Amplitude (Vpp)
408 Plot14
-80
-70
-60
-50
-40
-30
0
1
5
1MHz
2
3
4
2MHz
5MHz
10MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com