Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC418 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC418
Description  Dual High-Speed, Low-Power Line Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC418 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button CLC418 Datasheet HTML 4Page - National Semiconductor (TI) CLC418 Datasheet HTML 5Page - National Semiconductor (TI) CLC418 Datasheet HTML 6Page - National Semiconductor (TI) CLC418 Datasheet HTML 7Page - National Semiconductor (TI) CLC418 Datasheet HTML 8Page - National Semiconductor (TI) CLC418 Datasheet HTML 9Page - National Semiconductor (TI) CLC418 Datasheet HTML 10Page - National Semiconductor (TI) CLC418 Datasheet HTML 11Page - National Semiconductor (TI) CLC418 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
http://www.national.com
SPICE Models
SPICE models provide a means to evaluate op amp
designs. Free SPICE models are available that:
s
Support Berkeley SPICE 2G and its many
derivatives
s
Reproduce typical DC, AC, Transient, and
Noise performance
s
Support room temperature simulations
The
readme file that accompanies the models lists the
released models, and provides a list of modeled
parameters.
The
application
note
Simulation
SPICE Models for Comlinear’s Op Amps
contains
schematics and detailed information.
Differential Line Driver With Load
Impedance Conversion
The circuit shown in the
Typical Application schematic
on the front page operates as a differential line driver.
The transformer converts the load impedance to
a value that best matches the CLC418’s output
capabilities.
The
single-ended
input
signal
is
converted to a differential signal by the CLC418. The
line’s characteristic impedance is matched at both the
input and the output. The schematic shows Unshielded
Twisted Pair for the transmission line; other types of lines
can also be driven.
Set up the CLC418 as a difference amplifier:
Make the best use of the CLC418’s output drive
capability as follows:
where Req is the transformed value of the load
impedance, Vmax is the Output Voltage Range, and Imax
is the maximum Output Current.
Match the line’s characteristic impedance:
Select the transformer so that it loads the line with a
value very near Zo over your frequency range. The out-
put impedance of the CLC418 also affects the match.
With an ideal transformer we obtain:
where Zo(418)(jω) is the output impedance of the CLC418,
and |Zo(418)(jω)| << Rm.
The load voltage and current will fall in the ranges:
The CLC418’s high output drive current and low
distortion make it a good choice for this application.
Lowpass Anti-aliasing Filter
with Delay Equalization
The circuit shown in Figure 7 is a 5th-order Butterworth
lowpass filter with group delay equalization. Vin needs to
be a voltage source with low output impedance. Section
A
is
a
simple
single-pole
filter.
Section
B
provides a single-pole allpass function for group delay
equalization. Sections C and D are Sallen-Key lowpass
biquad sections.
Figure 7: Lowpass Anti-aliasing Filter
The filter specifications we built to are:
fc = 10MHz
(passband corner frequency)
fs = 20MHz
(stopband corner frequency)
Ap = 3.01dB (maximum passband attenuation)
As = 30dB
(minimum stopband attenuation)
Ho = 0dB
(DC gain)
The designed component values are in the table below.
The pre-distorted values compensate for the finite band-
width of the CLC418.
CLC418 Applications
V
V
2 1
R
R
2
R
R
d
in
f1
g1
f2
g2
= ⋅ +
 = ⋅
R
R
2 V
I
m
eq
max
max
+
= ⋅
R
Z
R
R
n
R
R
L
o
m
eq
L
eq
=
=
=
Return Loss
-20 log
n
Z
(j )
Z
, dB
10
2
o(418)
o
≈
⋅
⋅
ω
V
n V
I
I
n
o
max
o
max
≤ ⋅
≤
418 Fig7
+
-
1/2
CLC418
RfA
VoA
Vin
R1A
C2A
+
-
1/2
CLC418
RfB
VoB
R1B
C2B
R3B
+
-
1/2
CLC418
RfC
VoC
R3C
R1C
C4C
+
-
1/2
CLC418
RfD
Vo
R3D
C4D
C5C
U1A
U1B
U2C
U2D
C5D
RgD
R1D
1-
αD
R1D
αD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com