Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC418 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC418
Description  Dual High-Speed, Low-Power Line Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC418 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button CLC418 Datasheet HTML 4Page - National Semiconductor (TI) CLC418 Datasheet HTML 5Page - National Semiconductor (TI) CLC418 Datasheet HTML 6Page - National Semiconductor (TI) CLC418 Datasheet HTML 7Page - National Semiconductor (TI) CLC418 Datasheet HTML 8Page - National Semiconductor (TI) CLC418 Datasheet HTML 9Page - National Semiconductor (TI) CLC418 Datasheet HTML 10Page - National Semiconductor (TI) CLC418 Datasheet HTML 11Page - National Semiconductor (TI) CLC418 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
http://www.national.com
Calculate all other resistor values:
Notice that R4 and R6 are selected so that U1a and the
diodes see a balanced load for both polarities of Vin.
The capacitor C1 is optional. It helps compensate for the
difference between the gains Vo/V1 and Vo/V2 at high
frequencies. Both R4 and R6 must be > 0.
We built and tested a full-wave rectifier with the
following values:
s
D1 = D2 = Schottky Diodes,
Digi-Key # SD101ACT-ND
s
R2 = R3 = R7 = 1.00kΩ
s
R1 = 1.00kΩ
s
R5 = 1.50kΩ
s
R6 = 882Ω
s
R4 = 618Ω
The rectifier had equal inverting and non-inverting gains
for frequencies less than 10MHz. The -3dB bandwidth
was about 25MHz.
R
R
G
R
R
G
R
R
1
R
R
R
R
R
1
2
1
5
7
2
6
5
4
6
4
5
6
=
=
=
+


=
−
Ordering Information
Model
Temperature Range
Description
CLC418AJP
-40˚C to +85˚C
8-pin PDIP
CLC418AJE
-40˚C to +85˚C
8-pin SOIC
CLC418AJE-TR
-40˚C to +85˚C
8-pin SOIC, 750pc reel
CLC418AJE-TR13
-40˚C to +85˚C
8-pin SOIC, 2500pc reel
CLC418ALC
-40˚C to +85˚C
dice (commercial)
Package Thermal Resistance
Package
q
JC
q
JA
Plastic (AJP)
80˚C/W
95˚C/W
Surface Mount (AJE)
95˚C/W
115˚C/W
Reliability Information
Transistor Count
76
MTBF (based on limited test data)
34Mhr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com