Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC418 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC418
Description  Dual High-Speed, Low-Power Line Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC418 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  CLC418 Datasheet HTML 1Page - National Semiconductor (TI) CLC418 Datasheet HTML 2Page - National Semiconductor (TI) CLC418 Datasheet HTML 3Page - National Semiconductor (TI) CLC418 Datasheet HTML 4Page - National Semiconductor (TI) CLC418 Datasheet HTML 5Page - National Semiconductor (TI) CLC418 Datasheet HTML 6Page - National Semiconductor (TI) CLC418 Datasheet HTML 7Page - National Semiconductor (TI) CLC418 Datasheet HTML 8Page - National Semiconductor (TI) CLC418 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
http://www.national.com
4
Typical Performance Characteristics (A
v = +2, Rf = 1kΩ, RL = 100Ω, VCC = + 5V, T = 25°C; CLC418AJ; unless specified)
3rd Harmonic Distortion, RL = 1k
Ω
Output Amplitude (Vpp)
408 Plot16
-95
-90
-85
-80
-75
-70
-65
-60
-55
0
1
5
1MHz
2
3
4
2MHz
5MHz
10MHz
2nd Harmonic Distortion, RL = 1k
Ω
Output Amplitude (Vpp)
408 Plot15
-95
-90
-85
-80
-75
-70
-65
-60
0
1
5
1MHz
2
3
4
2MHz
5MHz
10MHz
Closed Loop Output Resistance
Frequency (Hz)
408 Plot17
100
0.1
10M
100M
10
1
Gain Flatness & Linear Phase Deviation
Frequency (Hz)
408 Plot18
1M
10M
Gain
Phase
Small Signal Pulse Response
Time (10ns/div)
408 Plot20
0.20
0.10
-0.20
0
-0.10
Av+2
Av-2
Large Signal Pulse Response
Time (10ns/div)
408 Plot21
4.0
2.0
-4.0
0
-2.0
Av+2
Av-2
Pulse Crosstalk
Time (10ns/div)
418 Plot22
Active Output Channel
Short Term Settling Time
Time (s)
408 Plot22
0.2
0.1
-0.2
0
20n
100n
0
-0.1
Vout = 2Vstep
40n
60n
80n
Long Term Settling Time
Time (s)
408 Plot23
0.4
-0.4
1
µ
1m
1
0
10
µ
100
µ
10m
100m
-0.2
0.2
Settling Time vs. Capacitive Load
CL (F)
408 Plot24
70
60
30
20
10
100p
20p
1000p
50
40
60
50
20
10
0
40
30
Rs
0.05%
0.1%
IBI, IBN, VOS vs. Temperature
Temperature (
°C)
408 Plot25
7.0
6.0
1.0
-50
0
100
5.0
4.0
3.0
2.0
VOS
3.5
3.0
1.5
1.0
0.5
2.5
2.0
50
IBI
IBN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com