Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC418 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC418
Description  Dual High-Speed, Low-Power Line Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC418 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button CLC418 Datasheet HTML 4Page - National Semiconductor (TI) CLC418 Datasheet HTML 5Page - National Semiconductor (TI) CLC418 Datasheet HTML 6Page - National Semiconductor (TI) CLC418 Datasheet HTML 7Page - National Semiconductor (TI) CLC418 Datasheet HTML 8Page - National Semiconductor (TI) CLC418 Datasheet HTML 9Page - National Semiconductor (TI) CLC418 Datasheet HTML 10Page - National Semiconductor (TI) CLC418 Datasheet HTML 11Page - National Semiconductor (TI) CLC418 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
http://www.national.com
10
Component
Value
Ideal
Pre-distorted
R1A
238
Ω
211
Ω
C2A
67pF
RfA
3.01k
Ω
R1B
314
Ω
300
Ω
C2B
67pF
R3B
953
Ω
RfB
953
Ω
R1C
108
Ω
100
Ω
R3C
1.06k
Ω
1.07k
Ω
C4C
22pF
C5C
100pF
RfC
3.01k
Ω
R1D/αD
256
Ω
227
Ω
R1D/(1-αD)
256
Ω
227
Ω
R3D
900
Ω
850
Ω
C4D
22pF
C5D
100pF
RfD
953
Ω
RgD
953
Ω
Table 1: Filter Component Values
The nearest standard values for capacitors and resistors
were used to build this filter. The resistors were 1%
tolerance, and the capacitors 5% tolerance. The ideal
and measured gains are shown in Figure 8.
Figure 8: Lowpass Anti-aliasing Filter Response
To change the cutoff frequency of this filter, do the following:
s
Determine the new cutoff frequency:
, where f3dB(418) is the
bandwidth of the CLC418
s
Scale (multiply) all frequency specifications and
plot axes by fc(new)/fc
s
Make sure that your system requirements are met
s
Scale (multiply) all capacitor values by fc/fc(new)
s
Set the resistors to the Ideal Values in the table
above (the pre-distorted values
do not linearly
scale with frequency)
For more information on the design of Sallen-Key filters and
filter pre-distortion, see Comlinear’s App Notes on filters.
Precision Full-Wave Rectifier
Figure 9 shows a precision full-wave rectifier using the
CLC418. When Vin > 0, D1 is on, D2 is off, V2 = 0 and an
overall non-inverting gain is achieved. When Vin < 0, D1
is off, D2 is on, both V1 and V2 are positive, and an over-
all inverting gain is achieved. The output voltage of the
rectifier is:
Figure 9: Precision Full-Wave Rectifier
Diodes D1 and D2 need to be Schottky or PIN diodes to
minimize delay.
Select the voltage gain for U1a (G1 < 0) and U1b (G2).
G2 needs to be ≤ 1, approximately, to ensure realizable
values of R4. The overall gain is:
Set R2 = R3 to the recommended feedback resistor
value for the gain Av = R2. You may need to increase R2
and R3 slightly to compensate for the delays through D1
and D2.
Set R7 to the recommended feedback resistor value for
the gain Av = (1 + G2).
Calculate the ratio:
If this ratio is negative, reduce G2 and recalculate the
values up to this point.
Frequency (MHz)
418 Fig8
0
-30
-20
-10
-60
1
10
-40
-50
Measured
Ideal
V
R
R
R
R
1
R
R
R
1
R
R
R
R
R
R
V ,V
0
V ,V
0
o
2
5
7
1
2
5
3
4
6
2
1
7
5
in
in
in
in
=
+
+


+
+


⋅ +


⋅
⋅
>
⋅
<
R3
-
+
20
Ω
1/2
CLC418
418 Fig9
R1
Vin
R4
R6
-
+
1/2
CLC418
R2
R5
R7
U1a
U1b
Vo
C1
V2
V1
D2
D1
V
V
G G
V
0
o
in
1
2
in
=
>
,
R
R
1+
R
R
1
1
G
1
R
R
G
R
R
R
R
R
R
G
4
6
7
2
2
2
3
2
7
3
7
3
2
3
2
=
+


− +


−
+
⋅
f
f
10
c(new)
3dB(418)
≤



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com