Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC418 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC418
Description  Dual High-Speed, Low-Power Line Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC418 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button CLC418 Datasheet HTML 2Page - National Semiconductor (TI) CLC418 Datasheet HTML 3Page - National Semiconductor (TI) CLC418 Datasheet HTML 4Page - National Semiconductor (TI) CLC418 Datasheet HTML 5Page - National Semiconductor (TI) CLC418 Datasheet HTML 6Page - National Semiconductor (TI) CLC418 Datasheet HTML 7Page - National Semiconductor (TI) CLC418 Datasheet HTML 8Page - National Semiconductor (TI) CLC418 Datasheet HTML 9Page - National Semiconductor (TI) CLC418 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
http://www.national.com
6
Figure 2: Inverting Gain
Select Rg to set the DC gain:
. At large gains,
Rg becomes small and will load the previous stage. This
can be solved by driving Rg with a low impedance buffer
like the CLC111, or increasing Rf and Rg. See the
AC Design (small signal bandwidth) sub-section for
the tradeoffs.
DC gain accuracy is usually limited by the tolerance of Rf
and Rg.
DC Gain (transimpedance)
Figure 3 shows a transimpedance circuit where the
current Iin is injected at the inverting node. The current
source’s output resistance is much greater than Rf.
The DC transimpedance gain is:
The recommended Rf is 3kΩ. Parasitic capacitance at
the inverting node may require a slight increase of Rf to
maintain a flat frequency response.
DC gain accuracy is usually limited by the tolerance of Rf.
Figure 3: Transimpedance Gain
DC Design (level shifting)
Figure 4 shows a DC level shifting circuit for inverting
gain configurations. Vref produces a DC output level shift
of
which is independent of the DC output
produced by Vin.
Figure 4: Level Shifting Circuit
DC Design (DC offsets)
The DC offset model shown in Fig. 5 is used to calculate
the output offset voltage. The equation for output offset
voltage is:
The current offset terms, IBN and IBI, do not track
each other. The specifications are stated in terms of
magnitude only. Therefore, the terms Vos, IBN, and IBI
can have either polarity.
Matching the equivalent
resistance seen at both input pins does not reduce the
output offset voltage.
Figure 5: DC Offset Model
DC Design (output loading)
RL, Rf, and Rg load the op amp output. The equivalent
load seen by the output in Figure 5 is:
RL(eq) =
RL || (Rf + Req2), non-inverting gain
RL || Rf, inverting and transimpedance gain
The equivalent output load (RL(eq)) needs to be large
enough so that the output current can produce the
required output voltage swing.
AC Design (small signal bandwidth)
The CLC418 current-feedback amplifier bandwidth is a
function of the feedback resistor (Rf), not of the DC voltage
gain (AV). The bandwidth is approximately proportional
to
As a rule, if Rf doubles, the bandwidth is cut in half.
Other AC
specifications
will
also
be
degraded.
Decreasing Rf from the recommended value increases
peaking, and
for very small values of Rf oscillation
will occur.
AC Design (minimum slew rate)
Slew rate influences the bandwidth of large signal
sinusoids. To determine an approximate value of slew
rate necessary to support a large sinusoid, use the
R
R
A
g
f
v
=
A
V
I
R
R
o
in
f
=
= −
+
-
1/2
CLC418
418 Fig3
Rf
0.1
µF
6.8
µF
Vo
VCC
0.1
µF
6.8
µF
VEE
Rt
3(5)
2(6)
4
8
1(7)
+
+
Iin
Vin
Rg
+
-
1/2
CLC418
418 Fig4
Rf
Vo
Vref
Rref
Rt
−
⋅
V
R
R
,
ref
f
ref
V
V
I
R
1
R
R
I
R
o
os
BN
eq1
f
eq2
BI
f
= −
+
⋅
(
)⋅ +
 +
⋅
(
)
Req1
Rf
+
-
Req2
1/2
CLC418
418 Fig5
IBI
IBN
Vos
Vo
RL
+
-
1
Rf
.
+
-
1/2
CLC418
418 Fig2
Rf
0.1
µF
6.8
µF
Vo
Vin
VCC
0.1
µF
6.8
µF
VEE
Rg
Rt
3(5)
2(6)
4
8
1(7)
+
+
{



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com