Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC418 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC418
Description  Dual High-Speed, Low-Power Line Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC418 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  CLC418 Datasheet HTML 1Page - National Semiconductor (TI) CLC418 Datasheet HTML 2Page - National Semiconductor (TI) CLC418 Datasheet HTML 3Page - National Semiconductor (TI) CLC418 Datasheet HTML 4Page - National Semiconductor (TI) CLC418 Datasheet HTML 5Page - National Semiconductor (TI) CLC418 Datasheet HTML 6Page - National Semiconductor (TI) CLC418 Datasheet HTML 7Page - National Semiconductor (TI) CLC418 Datasheet HTML 8Page - National Semiconductor (TI) CLC418 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
http://www.national.com
2
PARAMETERS
CONDITIONS
TYP
MIN/MAX RATINGS
UNITS
NOTES
Ambient Temperature
CLC418AJ
+25˚C
+25˚C
0 to 70˚C
-40 to 85˚C
FREQUENCY DOMAIN RESPONSE
-3dB bandwidth
Vo < 1.0Vpp
130
80
80
75
MHz
B
Vo < 4.0Vpp
45
33
29
28
MHz
-0.1dB bandwidth
Vo < 1.0Vpp
30
25
20
20
MHz
gain flatness
Vo < 1.0Vpp
peaking
DC to 200MHz
0
0.5
0.9
1.0
dB
B
rolloff
<30MHz
0.2
0.45
0.6
0.6
dB
B
linear phase deviation
<30MHz
0.2
0.4
0.5
0.5
deg
differential gain
NTSC, RL=150Ω
0.1
–
–
–
%
differential phase
NTSC, RL=150Ω
0.4
–
–
–
deg
TIME DOMAIN RESPONSE
rise and fall time
2V step
4.6
7.0
7.5
8.0
ns
settling time to 0.2%
2V step
15
30
38
40
ns
overshoot
2V step
5
12
12
12
%
slew rate
AV = +2
2V step
350
260
225
215
V/
µs
DISTORTION AND NOISE RESPONSE
2nd harmonic distortion
2Vpp, 1MHz
-85
–
–
–
dBc
2Vpp, 1MHz; RL = 1kΩ
-85
–
–
–
dBc
2Vpp, 5MHz
-65
-60
-58
-58
dBc
B
3rd harmonic distortion
2Vpp, 1MHz
-64
–
–
–
dBc
2Vpp, 1MHz; RL = 1kΩ
-75
–
–
–
dBc
2Vpp, 5MHz
-50
-45
-44
-44
dBc
B
crosstalk (input-referred)
2Vpp, 5MHz
-74
-68
-68
-68
dBc
equivalent input noise
voltage (eni)
>1MHz
5
6.3
6.6
6.7
nV/
√Hz
non-inverting current (ibn)
>1MHz
1.4
1.8
1.9
2.3
pA/
√Hz
inverting current (ibi)
>1MHz
13
16
17
18
pA/
√Hz
STATIC DC PERFORMANCE
input offset voltage
2
8
11
11
mV
A
average drift
25
–
35
40
µV/˚C
input bias current (non-inverting)
2
8
11
15
µA
A
average drift
60
–
80
110
nA/˚C
input bias current (inverting)
2
10
18
20
µA
A
average drift
20
–
90
110
nA/˚C
power supply rejection ratio
DC
55
50
48
48
dB
B
common-mode rejection ratio
DC
52
48
46
46
dB
supply current
RL= ∞, 2 channels
3.0
3.4
3.6
3.6
mA
A
MISCELLANEOUS PERFORMANCE
input resistance (non-inverting)
5
3
2.5
1
M
Ω
input capacitance (non-inverting)
1
2
2
2
pF
common mode input range
±2.7
±2.3
±2.2
±2.0
V
output voltage range
RL = 100Ω
±3.3
±2.9
±2.8
±2.6
V
output voltage range
RL = ∞
±4.0
±3.8
±3.7
±3.5
V
output current
96
96
96
60
mA
C
output resistance, closed loop
DC
0.03
0.15
0.2
0.3
Ω
CLC418 Electrical Characteristics (A
V = +2, Rf = 1kΩ, Vcc = + 5V, RL = 100Ω, T = 25°C; unless specified)
Absolute Maximum Ratings
supply voltage
±7V
output current (see note C)
96mA
common-mode input voltage
±VCC
maximum junction temperature
+175°C
storage temperature range
-65°C to +150°C
lead temperature (soldering 10 sec)
+300°C
ESD rating (human body model)
4000V
Notes
A) J-level: spec is 100% tested at +25°C, sample tested at +85°C.
L-level: spec is 100% wafer probed at +25°C.
B) J-level: spec is sample tested at +25°C.
C) The output current sourced or sunk by the CLC418 can
exceed the maximum safe output current limit.
2
Min/max ratings are based on product characterization and simulation. Individual parameters are tested as noted. Outgoing quality levels are
determined from tested parameters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com