Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC418 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC418
Description  Dual High-Speed, Low-Power Line Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC418 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button CLC418 Datasheet HTML 3Page - National Semiconductor (TI) CLC418 Datasheet HTML 4Page - National Semiconductor (TI) CLC418 Datasheet HTML 5Page - National Semiconductor (TI) CLC418 Datasheet HTML 6Page - National Semiconductor (TI) CLC418 Datasheet HTML 7Page - National Semiconductor (TI) CLC418 Datasheet HTML 8Page - National Semiconductor (TI) CLC418 Datasheet HTML 9Page - National Semiconductor (TI) CLC418 Datasheet HTML 10Page - National Semiconductor (TI) CLC418 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
http://www.national.com
following equation:
SR
> 5 • f • V
peak
where Vpeak is the peak output sinusoidal voltage.
The slew rate of the CLC418 in inverting gains is always
higher than in non-inverting gains.
AC Design (linear phase/constant group delay)
The recommended value of Rf produces minimal peaking
and a reasonably linear phase response. To improve
phase linearity when |Av| < 6, increase Rf approximately
50% over its recommended value. Some adjustment of
Rf may be needed to achieve phase linearity for your
application. See the
AC Design (small signal band-
width) sub-section for other effects of changing Rf.
Propagation delay is approximately equal to group delay.
Group delay is related to phase by this equation:
where
φ(f) is the phase in degrees. Linear phase implies
constant group delay. The technique for achieving linear
phase also produces a constant group delay.
AC Design (peaking)
Peaking is sometimes observed with the recommended
Rf. If a small increase in Rf does not solve the problem,
then investigate the possible causes and remedies
listed below:
s
Capacitance across Rf
s
Do not place a capacitor across Rf
s
Use a resistor with low parasitic
capacitance for Rf
s
A capacitive load
s
Use a series resistor between the output
and a capacitive load (see the
Settling
Time versus CL plot)
s
Long traces and/or lead lengths between Rf
and the CLC418
s
Keep these traces as short as possible
For non-inverting and transimpedance gain configurations:
s
Extra capacitance between the inverting
pin and ground (Cg)
s
See the
Printed Circuit Board Layout
sub-section below for suggestions on
reducing Cg
s
Increase Rf if peaking is still observed
after reducing Cg
For inverting gain configurations:
s
Inadequate ground plane at the non-inverting
pin and/or long traces between non-inverting
pin and ground
s
Place a 50 to 200
Ω resistor between the
non-inverting pin and ground (see Rt in
Figure 2)
AC Design (crosstalk)
Crosstalk performance depends on the layout.
Three
layout techniques that can reduce crosstalk are:
s
Provide short symmetrical ground return paths for:
s
the inputs
s
the supply bypass capacitors
s
the load
s
Provide a short, grounded guard trace that:
s
goes underneath the package
s
is 0.1” (3mm) from the package pins
s
is on top and bottom of the printed circuit
board with connecting vias
s
Try different bypass capacitors to reduce high
frequency crosstalk
The CLC418’s evaluation board was used to produce the
Input-Referred Crosstalk plot.
Capacitive Loads
Capacitive loads, such as found in A/D converters,
require a series resistor (Rs) in the output to improve
settling performance. The
Settling Time vs. Capacitive
Load plot in the Typical Performance Characteristics
section provides the information for selecting this resistor.
Using a resistor in series with a reactive load will also
reduce the load’s effect on amplifier loop dynamics. For
instance, driving coaxial cables without an output series
resistor may cause peaking or oscillation.
Transmission Line Matching
One method for matching the characteristic impedance
of a transmission line is to place the appropriate
resistor at the input or output of the amplifier. Figure 6
shows the typical circuit configurations for matching
transmission lines.
Figure 6: Transmission Line Matching
In non-inverting gain applications, Rg is connected
directly to ground. The resistors R1, R2, R6, and R7 are
equal to the characteristic impedance, Zo, of the
transmission line or cable.
Use R3 to isolate the
amplifier from reactive loading caused by the transmis-
sion line, or by parasitics.
In inverting gain applications, R3 is connected directly to
ground. The resistors R4, R6, and R7 are equal to Zo. The
parallel combination of R5 and Rg is also equal to Zo.
The input and output matching resistors attenuate the
signal by a factor of 2, therefore additional gain is needed.
Use C6 to match the output transmission line over a greater
frequency range.
It compensates for the increase of
the op amps output impedance with frequency.
τ
φ
φ
gd
d
d
f
1
360
f
f
1
360
f
f
( ) = −
°
⋅
( )
≈ −
°
⋅
( )
∆
∆
+
-
418 Fig6
R3
Z0
R6
Vo
Z0
R1
R2
+
-
Rg
Z0
R4
R5
V1
V2 +-
Rf
C6
R7
1/2
CLC418



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com