Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF005 Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MICRF005
Description  115kbps, 800MHz - 1GHz UHF Receiver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF005 Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MICRF005 Datasheet HTML 3Page - Micrel Semiconductor MICRF005 Datasheet HTML 4Page - Micrel Semiconductor MICRF005 Datasheet HTML 5Page - Micrel Semiconductor MICRF005 Datasheet HTML 6Page - Micrel Semiconductor MICRF005 Datasheet HTML 7Page - Micrel Semiconductor MICRF005 Datasheet HTML 8Page - Micrel Semiconductor MICRF005 Datasheet HTML 9Page - Micrel Semiconductor MICRF005 Datasheet HTML 10Page - Micrel Semiconductor MICRF005 Datasheet HTML 11Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
October 2001
7
MICRF005
MICRF005
Micrel
DO Pin
VDDBB
VSSBB
Compa-
rator
80
µA
80
µA
DO
Figure 4. DO Pin
The output stage for DO (digital output) is shown in Figure 4.
The output is a 90
µA push and 90µA pull switched-current
stage. This output stage is capable of driving CMOS loads.
An external buffer-driver is recommended for driving high-
capacitance loads.
REFOSC Pin
250
Ω
200k
Active
Bias
REFOSC
15pF
7.5pF
30
µA
VDDBB
VSSBB
VSSBB
Figure 5. REFOSC Pin
The REFOSC input circuit is shown in Figure 5. Input imped-
ance is high (300k
Ω). This is a Colpitts oscillator with internal
capacitors. The nominal dc bias voltage on this pin is 1.4V.
SHUT Pin
to Internal
Circuits
VDDBB
VSSBB
SHUT
Q2
Q3
Q1
VSSBB
Figure 6. SHUT Pin
Control input circuitry is shown in Figures 6. The standard
input is a logic inverter constructed with minimum geometry
MOSFETs (Q2, Q3). P-channel MOSFET Q1 is a large
channel length device which functions essentially as a “weak”
pullup to V
DDBB. Typical pullup current is 8.5µA, leading to an
impedance to the V
DDBB supply of typically 1MΩ.
T/R Pin
VSSBB
Q2
VDDBB
VDDBB
Q1
Q3
Figure 7. T/R Pin
The transmit/receive function is controlled by the logic state
of T/R. T/R is internally tied to V
SS. When T/R is open circuit
or in the low state, the MICRF005 functions in its normal
receive operating mode. The T/R pin may be pulled high to
Vdd, this will place the receiver in a “stand-by” operating
mode. This mode is intended for use during transmit cycles
in transceiver applications where the receiver is co-located
with a transmitter. In this “transmit” mode, the receiver
oscillator remains active but the AGC function is disabled and
the C
AGC pin is tri-stated to hold the AGC capacitor voltage.
This function enables the MICRF005 to quickly resume
receive operation after a transmit cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com