Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF005 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MICRF005
Description  115kbps, 800MHz - 1GHz UHF Receiver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF005 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MICRF005 Datasheet HTML 1Page - Micrel Semiconductor MICRF005 Datasheet HTML 2Page - Micrel Semiconductor MICRF005 Datasheet HTML 3Page - Micrel Semiconductor MICRF005 Datasheet HTML 4Page - Micrel Semiconductor MICRF005 Datasheet HTML 5Page - Micrel Semiconductor MICRF005 Datasheet HTML 6Page - Micrel Semiconductor MICRF005 Datasheet HTML 7Page - Micrel Semiconductor MICRF005 Datasheet HTML 8Page - Micrel Semiconductor MICRF005 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
October 2001
5
MICRF005
MICRF005
Micrel
Functional Diagram
Peak
Detector
AGC
Control
2nd Order
Low-Pass Filter
5th Order
Band-Pass Filter
Programmable
Synthesizer
Control
Logic
RSC
Reference
Oscillator
Crystal
ANT
SHUT
REFOSC
Switched-
Capacitor
Resistor
DO
MICRF005
RF
Amp
IF
Amp
IF
Amp
Compa-
rator
Reference and Control
UHF Downconverter
OOK Demodulator
fRX
fLO
fIF
CAGC
CTH
fT
VDD
VSS
CAGC
T/R
CTH
MICRF005 Block Diagram
Functional Description
Refer to “MICRF005 Block Diagram”. Identified in the block
diagram are the three sections of the IC: UHF Downconverter,
OOK Demodulator and Reference and Control. Also shown
in the figure are two capacitors (C
TH, CAGC) and one timing
component (CR), usually a crystal. With the exception of a
supply decoupling capacitor, these are the only external
components needed by the MICRF005 to construct a com-
plete UHF receiver. Two control inputs are shown in the block
diagram: T/R and SHUT. Through these logic inputs, the user
can control the operation of the IC. These inputs are CMOS
compatible, and are pulled-up on the IC.
IF Bandpass Filter
Rolloff response of the IF Filter is 7th order, while the
demodulator data filter exhibits a 2nd order response.
Slicing Level
Extraction of the dc value of the demodulated signal for
purposes of logic-level data slicing is accomplished using the
external threshold capacitor C
TH and the on-chip switched-
capacitor “resistor” R
SC, shown in the block diagram. The
effective resistance of R
SC is 30kΩ.
Slicing level time constant values vary somewhat with de-
coder type, data pattern, and data rate, but typical values
range from 5ms to 50ms. Optimization of the value of C
TH is
required to maximize range.
Squelch
During quiet periods (no signal) the data output (DO pin)
transitions randomly with noise, presenting problems for
some decoders. A simple solution is to introduce a small
offset, or squelch voltage, on the C
TH pin so that noise does
not trigger the internal comparator. Usually 20mV to 30mV is
sufficient, and may be introduced by connecting a several-
M
Ω resistor from the C
TH pin to either VSS or VDD, depending
on the desired offset polarity. Since the MICRF005 has
receiver AGC, noise at the internal comparator input is
always the same, set by the AGC. The squelch offset require-
ment does not change as the local noise strength changes
from installation to installation. Introducing squelch will re-
duce range modestly. Only introduce an amount of offset
sufficient to quiet the output.
Automatic Gain Control
The signal path has AGC (automatic gain control) to increase
input dynamic range. An external capacitor, C
AGC, must be
connected to the C
AGC pin of the device. The ratio of decay-
to-attack time-constant is fixed at 10:1 (that is, the attack time
constant is 1/10th of the decay time constant). However, the
attack time constant is set externally by choosing a value for
C
AGC.
By adding resistance from the C
AGC pin to VDDBB or VSSBB
in parallel with the AGC capacitor, the ratio of decay-to-attack
time constant may be varied, although the value of such
adjustments must be studied on a per-application basis.
Generally the design value of 10:1 is adequate for the vast
majority of applications.
To maximize system range, it is important to keep the AGC
control voltage ripple low, preferably under 10mVpp once the
control voltage has attained its quiescent value. For this
reason capacitor values of at least 0.47
µF are recommended.
The AGC control voltage is carefully managed on-chip to
allow duty-cycle operation of the MICRF005 in excess of
10:1. When the device is placed into shutdown mode (SHUT
pin pulled high), the AGC capacitor floats, to retain the
voltage. When operation is resumed, only the voltage droop
on the capacitor due to leakage must be replenished, there-
fore a relatively low-leakage capacitor is recommended for



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com