Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF005 Datasheet (PDF) - Micrel Semiconductor

MICRF005 Datasheet PDF - Micrel Semiconductor
Part # MICRF005
Download  MICRF005 Download
File Size   66.56 Kbytes
Page   11 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 115kbps, 800MHz - 1GHz UHF Receiver

MICRF005 Datasheet (PDF)

Go To PDF Page Download Datasheet
MICRF005 Datasheet PDF - Micrel Semiconductor

Part # MICRF005
Download  MICRF005 Click to download

File Size   66.56 Kbytes
Page   11 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 115kbps, 800MHz - 1GHz UHF Receiver

MICRF005 Datasheet (HTML) - Micrel Semiconductor


MICRF005 Product details

General Description
The MICRF005 QwikRadio™ UHF receiver is a single-chip OOK (on-off keyed) receiver IC for remote wireless applications. This device is a true single-chip, “antenna-in, data-out” device. All RF and IF tuning is accomplished automatically within the IC which eliminates manual tuning production costs and results in a highly reliable, extremely low-cost solution for high-volume wireless applications.

Features
• 800MHz to 1000MHz frequency range
• Data rates up to 115kbps
• No filters or inductors required
• Low 10mA operating supply current at 868MHz
• Shutdown mode for >10:1 duty-cycle operation
• Very low RF antenna re-radiation
• CMOS logic interface for standard ICs
• Extremely low external part count
• Transmit standby mode for bi-directional link control

Applications
• Wireless game controllers
• Security systems
• Medium-rate data modems




Similar Part No. - MICRF005

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF001 MICREL-MICRF001 Datasheet
97Kb / 8P
QwikRadiotm Receiver/Data Demodulator Advance Information
MICRF001BM MICREL-MICRF001BM Datasheet
97Kb / 8P
QwikRadiotm Receiver/Data Demodulator Advance Information
MICRF001BN MICREL-MICRF001BN Datasheet
97Kb / 8P
QwikRadiotm Receiver/Data Demodulator Advance Information
MICRF002 MICREL-MICRF002 Datasheet
188Kb / 13P
QwikRadiotm Low Power UHF Receiver Preliminary Information
MICRF002 MICREL-MICRF002 Datasheet
180Kb / 16P
300-440MHz QwikRadio?줐SK Receiver
More results


Similar Description - MICRF005

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U3742BM ATMEL-U3742BM Datasheet
541Kb / 32P
UHF ASK/FSK RECEIVER
ATA5743 ATMEL-ATA5743 Datasheet
763Kb / 43P
UHF ASK/FSK Receiver
ATA5744 ATMEL-ATA5744 Datasheet
315Kb / 20P
UHF ASK Receiver
ATA3741 ATMEL-ATA3741 Datasheet
481Kb / 31P
UHF ASK Receiver IC
logo
Linear Technology
LT5504 LINER-LT5504_09 Datasheet
183Kb / 8P
800MHz to 2.7GHz RF Measuring Receiver
LT5504 LINER-LT5504_15 Datasheet
189Kb / 8P
800MHz to 2.7GHz RF Measuring Receiver
logo
ATMEL Corporation
T5744 ATMEL-T5744 Datasheet
257Kb / 19P
UHF ASK Receiver
ATA5721 ATMEL-ATA5721 Datasheet
102Kb / 6P
UHF ASK/FSK Receiver
logo
Princeton Technology Co...
RX3310A PTC-RX3310A Datasheet
407Kb / 6P
UHF ASK Receiver
logo
Maxim Integrated Produc...
MAX7034 MAXIM-MAX7034_V01 Datasheet
833Kb / 14P
Evaluates the MAX7036 Sub-1GHz ISM Receiver
2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com