Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF005 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MICRF005
Description  115kbps, 800MHz - 1GHz UHF Receiver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF005 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MICRF005 Datasheet HTML 1Page - Micrel Semiconductor MICRF005 Datasheet HTML 2Page - Micrel Semiconductor MICRF005 Datasheet HTML 3Page - Micrel Semiconductor MICRF005 Datasheet HTML 4Page - Micrel Semiconductor MICRF005 Datasheet HTML 5Page - Micrel Semiconductor MICRF005 Datasheet HTML 6Page - Micrel Semiconductor MICRF005 Datasheet HTML 7Page - Micrel Semiconductor MICRF005 Datasheet HTML 8Page - Micrel Semiconductor MICRF005 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MICRF005
Micrel
MICRF005
2
October 2001
Pin Configuration
SEL0
T/R
REFOSC
VSSRF
N/C
VSSRF
CAGC
ANT
N/C
VDDRF
SHUT
VDDBB
DO
CTH
VSBB
MICRF005BM
114
213
312
411
510
69
78
Standard 14-Pin SOP (M) Package
Pin Description
Pin Number
Pin Name
Pin Function
1
T/R
Transmit/Receive control switch. Pull low to enable receiver function.
2, 3
VSSRF
This pin is the ground return for the RF section of the IC. The bypass
capacitor connected from the VDDRF to VSSRF should have the shortest
possible lead length. For best performance, connect VSSRF to VSSBB at
the power supply only (i.e. keep VSSBB currents from flowing through
VSSRF return paths).
4
ANT
This is the receive RF input, internally ac-coupled. Connect this pin to the
receive antenna. For applications located in high ambient noise environ-
ments, a fixed value band-pass network may be connected between the
ANT pin and VSSRF to provide additional receive selectivity and input
overload protection.
5
VDDRF
This pin is the positive supply input for the RF section of the IC. VDDBB and
VDDRF should be connected together directly at the IC pins.
6
VDDBB
This pin is the positive supply input for the baseband section of the IC.
VDDBB and VDDRF should be connected together at the IC pins.
7
CTH
This capacitor extracts the (DC) average value from the demodulated
waveform which becomes the reference for the internal data slicing com-
parator. Treat as a low-pass RC filter with source impedance of nominally
30k
Ω. A standard ±20% X7R ceramic capacitor is generally sufficient.
8
VSSBB
This is the ground return for the baseband section of the IC. The bypass and
output capacitors connected to VSSBB should have the shortest possible
leads lengths. For best performance, connect VSSRF to VSSBB at the
power supply only (i.e., keep VSSBB currents from flowing through VSSRF
return path).
9
DO
CMOS-level compatible data output signal.
10
SHUT
Shutdown-mode logic-level control input. Pull low to enable the receiver.
This pin is internally pulled-up to VDDRF.
11
NC
No connection
12
CAGC
Intergrating capacitor for on-chip AGC (Automatic Gain Control). The Decay/
Attack time-constant (TC) ratio is nominally set as 10:1. Use of 0.47
µF or
greater is strongly recommended for best range performance. Use low-
leakage type capacitors for duty-cycle operation (Dip Tantalum, Ceramic,
Polyester).
13
NC
No connection
14
REFOSC
This is the timing reference for on-chip tuning and alignment. Connect
crystal between this pin and VSSBB, or drive the input with an AC coupled
0.5V
PP input clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com