Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF005 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MICRF005
Description  115kbps, 800MHz - 1GHz UHF Receiver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF005 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MICRF005 Datasheet HTML 1Page - Micrel Semiconductor MICRF005 Datasheet HTML 2Page - Micrel Semiconductor MICRF005 Datasheet HTML 3Page - Micrel Semiconductor MICRF005 Datasheet HTML 4Page - Micrel Semiconductor MICRF005 Datasheet HTML 5Page - Micrel Semiconductor MICRF005 Datasheet HTML 6Page - Micrel Semiconductor MICRF005 Datasheet HTML 7Page - Micrel Semiconductor MICRF005 Datasheet HTML 8Page - Micrel Semiconductor MICRF005 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MICRF005
Micrel
MICRF005
4
October 2001
Symbol
Parameter
Condition
Min
Typ
Max
Units
Digital/Control Section
I
IN(pu)
V
SHUT Pull-Up Current
V
SHUT = VSS
8.5
µA
I
IN(pd)
V
T/R Pull-Down Current
V
T/R = VDD
12
µA
V
IN(high)
V
T/R, VSHUT, Input-High Voltage
V
DD–0.5
V
V
IN(low)
V
T/R, VSHUT, Input-Low Voltage
0.5
V
I
OUT
Output Current
DO, push-pull
90
µA
V
OUT(high)
Output-High Voltage
DO, I
OUT = –5µA
0.9V
DD
V
V
OUT(low)
Output-Low Voltage
DO, I
OUT = 5µA
0.1V
DD
V
t
R, tF
Output Rise and Fall Times
DO, C
LOAD = 10pF
tbd
µs
Note 1.
Exceeding the absolute maximum rating may damage the device.
Note 2.
The device is not guaranteed to function outside its operating rating.
Note 3.
Devices are ESD sensitive. Handling precautions recommended.
Note 4:
Sensitivity is defined as the average signal level measured at the input necessary to achieve 10-2 BER (bit error rate). The input signal is
defined as a return-to-zero (RZ) waveform with 50% average duty cycle (Manchester encoded data). The RF input is assumed to be matched
into 50
Ω.
Note 5:
Spurious reverse isolation represents the spurious components which appear on the RF input pin (ANT) measured into 50
Ω with an input RF
matching network. Parameter guaranteed by device characterization, not production tested.
Note 6:
Sensitivity, a commonly specified receiver parameter, provides an indication of the receiver’s input referred noise, generally input thermal
noise. However, it is possible for a more sensitive receiver to exhibit range performance no better than that of a less sensitive receiver if the
background noise is appreciably higher than the thermal noise. Background noise refers to other interfering signals, such as FM radio stations,
pagers, etc.
A better indicator of achievable receiver range performance is usually given by its selectivity, often stated as intermediate frequency (IF) or
radio frequency (RF) bandwidth, depending on receiver topology. Selectivity is a measure of the rejection by the receiver of “ether” noise.
More selective receivers will almost invariably provide better range. Only when the receiver selectivity is so high that most of the noise on the
receiver input is actually thermal will the receiver demonstrate sensitivity-limited performance.
Note 7:
Parameter scales linearly with reference oscillator frequency f
T. For any reference oscillator frequency other than 14.3359MHz, compute new
parameter value as the ratio:
f
MHz
14.3359
(parameter value at 14.3359MHz)
REFOSC
×
Note 8:
Parameter scales inversely with reference oscillator frequency f
T. For any reference oscillator frequency other than 14.3359MHz, compute
new parameter value as the ratio:
14.3359
f
MHz
(parameter value at 14.3359MHz)
REFOSC
×
Note 9:
Parameter guaranteed by design (not tested).
Typical Characteristics
0
2
4
6
8
10
12
14
FREQUENCY (MHz)
Supply Current
vs. Frequency
T
A = 25°C
V
DD = 5V
0
2
4
6
8
10
12
14
16
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (
°C)
Supply Current
vs. Temperature
f = 915MHz
V
DD = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com