Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF005 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MICRF005
Description  115kbps, 800MHz - 1GHz UHF Receiver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF005 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MICRF005 Datasheet HTML 1Page - Micrel Semiconductor MICRF005 Datasheet HTML 2Page - Micrel Semiconductor MICRF005 Datasheet HTML 3Page - Micrel Semiconductor MICRF005 Datasheet HTML 4Page - Micrel Semiconductor MICRF005 Datasheet HTML 5Page - Micrel Semiconductor MICRF005 Datasheet HTML 6Page - Micrel Semiconductor MICRF005 Datasheet HTML 7Page - Micrel Semiconductor MICRF005 Datasheet HTML 8Page - Micrel Semiconductor MICRF005 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
October 2001
1
MICRF005
MICRF005
Micrel
MICRF005
115kbps, 800MHz - 1GHz UHF Receiver
Final Information
General Description
The MICRF005 QwikRadio™ UHF receiver is a single-chip
OOK (on-off keyed) receiver IC for remote wireless applica-
tions. This device is a true single-chip, “antenna-in, data-out”
device. All RF and IF tuning is accomplished automatically
within the IC which eliminates manual tuning production
costs and results in a highly reliable, extremely low-cost
solution for high-volume wireless applications.
The MICRF005 provides two additional key features: (1) A
transmit standby mode, and (2) a shutdown mode which may
be used for duty-cycle operation. These features make the
MICRF005 ideal for low power applications in both one-way
and bi-directional wireless links.
All IF and post-detection (demodulator) data filtering is pro-
vided on the MICRF005, no external filters are required.
Nominal filter bandwidth is fixed a 300kHz allowing a data
throughput at rates up to 115kbps.
Typical Application
SEL0
T/R
VSSRF
REFOSC
VSSRF
NC
ANT
CAGC
VDDRF
NC
VDDBB
SHUT
CTH
DO
VSSBB
C4(CTH)
0.047
µF
T/R Control
Y1
14.3359MHz
Data
Output
MICRF005
C1(CAGC)
4.7
µF
+5V
915MHz, 115kbps OOK ISM Band Receiver
Features
• 800MHz to 1000MHz frequency range
• Data rates up to 115kbps
• No filters or inductors required
• Low 10mA operating supply current at 868MHz
• Shutdown mode for >10:1 duty-cycle operation
• Very low RF antenna re-radiation
• CMOS logic interface for standard ICs
• Extremely low external part count
• Transmit standby mode for bi-directional link control
Applications
• Wireless game controllers
• Security systems
• Medium-rate data modems
Ordering Information
Part Number
Junction Temp. Range
Package
MICRF005BM
–40
°C to +85°C
14-Lead SOIC
QwikRadio is a trademark of Micrel Semiconductor.
The QwikRadio ICs were developed under a partnership agreement with AIT of Orlando, Florida.
Micrel, Inc. • 1849 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 944-0970 • http://www.micrel.com


Similar Part No. - MICRF005

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF001 MICREL-MICRF001 Datasheet
97Kb / 8P
QwikRadiotm Receiver/Data Demodulator Advance Information
MICRF001BM MICREL-MICRF001BM Datasheet
97Kb / 8P
QwikRadiotm Receiver/Data Demodulator Advance Information
MICRF001BN MICREL-MICRF001BN Datasheet
97Kb / 8P
QwikRadiotm Receiver/Data Demodulator Advance Information
MICRF002 MICREL-MICRF002 Datasheet
188Kb / 13P
QwikRadiotm Low Power UHF Receiver Preliminary Information
MICRF002 MICREL-MICRF002 Datasheet
180Kb / 16P
300-440MHz QwikRadio?줐SK Receiver
More results

Similar Description - MICRF005

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U3742BM ATMEL-U3742BM Datasheet
541Kb / 32P
UHF ASK/FSK RECEIVER
ATA5743 ATMEL-ATA5743 Datasheet
763Kb / 43P
UHF ASK/FSK Receiver
ATA5744 ATMEL-ATA5744 Datasheet
315Kb / 20P
UHF ASK Receiver
ATA3741 ATMEL-ATA3741 Datasheet
481Kb / 31P
UHF ASK Receiver IC
logo
Linear Technology
LT5504 LINER-LT5504_09 Datasheet
183Kb / 8P
800MHz to 2.7GHz RF Measuring Receiver
LT5504 LINER-LT5504_15 Datasheet
189Kb / 8P
800MHz to 2.7GHz RF Measuring Receiver
logo
ATMEL Corporation
T5744 ATMEL-T5744 Datasheet
257Kb / 19P
UHF ASK Receiver
ATA5721 ATMEL-ATA5721 Datasheet
102Kb / 6P
UHF ASK/FSK Receiver
logo
Princeton Technology Co...
RX3310A PTC-RX3310A Datasheet
407Kb / 6P
UHF ASK Receiver
logo
Maxim Integrated Produc...
MAX7034 MAXIM-MAX7034_V01 Datasheet
833Kb / 14P
Evaluates the MAX7036 Sub-1GHz ISM Receiver
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com