Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF005 Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MICRF005
Description  115kbps, 800MHz - 1GHz UHF Receiver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF005 Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MICRF005 Datasheet HTML 3Page - Micrel Semiconductor MICRF005 Datasheet HTML 4Page - Micrel Semiconductor MICRF005 Datasheet HTML 5Page - Micrel Semiconductor MICRF005 Datasheet HTML 6Page - Micrel Semiconductor MICRF005 Datasheet HTML 7Page - Micrel Semiconductor MICRF005 Datasheet HTML 8Page - Micrel Semiconductor MICRF005 Datasheet HTML 9Page - Micrel Semiconductor MICRF005 Datasheet HTML 10Page - Micrel Semiconductor MICRF005 Datasheet HTML 11Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
MICRF005
Micrel
MICRF005
8
October 2001
Application Information
Bypass and Output Capacitors
The bypass and output capacitors connected to V
SSBB should
have the shortest possible lead lengths. For best perfor-
mance, connect V
SSRF to VSSBB at the power supply only
(that is, keep V
SSBB currents from flowing through the VSSRF
return path). V
DDRF and VDDBB should be connected directly
together at the IC pins. A 10
Ω resistor in series with the supply
line plus three decoupling capacitors is recommended. The
suggested capacitor values are 1nF, 10nF and 100nF.
VDD
C1
100nF
C2
10nF
C3
1nF
5V
VSS
R1
10R
To MICRF005
Figure 8. Supply Bypassing
External Timing Signals
Externally applied signals should be ac-coupled and the
amplitude must be limited to approximately 0.5Vpp.
Optional BandPass Filter
For applications located in high ambient noise environments,
a fixed value band-pass network may be connected between
the ANT pin and V
SSRF to provide additional receive selectiv-
ity and input overload protection.
Frequency and Capacitor Selection
Selection of the reference oscillator frequency f
T, slicing level
capacitor (C
TH), and AGC capacitor (CAGC) are briefly sum-
marized in this section.
Selecting Reference Oscillator Frequency f
T
As with any superheterodyne receiver, the difference be-
tween the internal LO (local oscillator) frequency f
LO and the
incoming transmit frequency f
TX ideally must equal the IF
center frequency. Equation 1 may be used to compute the
appropriate f
LO for a given fTX:
(1)
ff
f
915
LO
TX
TX
=± 


2 496
.
Frequencies f
TX and fLO are in MHz. Note that two values of
f
LO exist for any given fTX, distinguished as “high-side mixing”
and “low-side mixing,” and there is generally no preference of
one over the other.
After choosing one of the two acceptable values of f
LO, use
Equation 2 to compute the reference oscillator frequency f
T:
(2)
f
f
64
T
LO
=
Equations (1) and (2) can be simplified to:
f
T = 63.8258 fTX
Frequency f
T is in MHz. Connect a series-mode crystal of
frequency f
T to REFOSC on the MICRF005. Four-decimal-
place accuracy on the frequency is generally adequate. The
following table identifies f
T for some common transmit fre-
quencies when the MICRF005 is operated.
Transmit
Reference Oscillator
Frequency (f
TX)
Frequency (f
T)
868.35MHz
13.6050MHz
915MHz
14.3359MHz
916.5MHz
14.3594MHz
Table 2. Common Transmitter Frequencies
Selecting Capacitor C
TH
The first step in the process is selection of a data-slicing-level
time constant. This selection is strongly dependent on sys-
tem issues including system decode response time and data
code structure (that is, existence of data preamble, etc.). This
issue is covered in more detail in “Application Note 22.”
Source impedance of the C
TH pin is given by equation (3),
where f
T is in MHz:
(3)
R3
14.3359
f
SC
T
= 0Ω
Assuming that a slicing level time constant
τ has been
established, capacitor C
TH may be computed using equation
(4).
(4)
C
R
TH
SC
= τ
A standard
±20% X7R ceramic capacitor is generally suffi-
cient.
Selecting C
AGC Capacitor in Continuous Mode
Selection of C
AGC is dictated by minimizing the ripple on the
AGC control voltage by using a sufficiently large capacitor.
Factory experience suggests that C
AGC should be in the
vicinity of 0.47
µF to 4.7µF. Large capacitor values should be
carefully considered as this determines the time required for
the AGC control voltage to settle from a completely dis-
charged condition. AGC settling time from a completely
discharged (zero-volt) state is given approximately by equa-
tion (5):
(5)
∆t 1.333C
0.44
AGC
=−
where:
C
AGC is in µF, and ∆t is in seconds.
Selecting C
AGC Capacitor in Duty-Cycle Mode
Generally, droop of the AGC control voltage during shutdown
should be replenished as quickly as possible after the IC is
“turned-on”. As described in the functional description, for
about [tbd]ms after the IC is turned on, the AGC push-pull
currents are increased to 45 times their normal values.
Consideration should be given to selecting a value for C
AGC
and a shutdown time period such that the droop can be
replenished within this [tbd]ms period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com