Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF005 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MICRF005
Description  115kbps, 800MHz - 1GHz UHF Receiver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF005 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MICRF005 Datasheet HTML 1Page - Micrel Semiconductor MICRF005 Datasheet HTML 2Page - Micrel Semiconductor MICRF005 Datasheet HTML 3Page - Micrel Semiconductor MICRF005 Datasheet HTML 4Page - Micrel Semiconductor MICRF005 Datasheet HTML 5Page - Micrel Semiconductor MICRF005 Datasheet HTML 6Page - Micrel Semiconductor MICRF005 Datasheet HTML 7Page - Micrel Semiconductor MICRF005 Datasheet HTML 8Page - Micrel Semiconductor MICRF005 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
October 2001
3
MICRF005
MICRF005
Micrel
Electrical Characteristics
V
DDRF = VDDBB = VDD where 4.75V ≤ VDD ≤ 5.5V, VSS = 0V; VT/R = VSHUT = 0V; CAGC = 0.47µF, CTH = 4.7nF, 115kbps data-rate (Manchester
encoded); f
REFOSC = 14.3359MHz (fRF = 915MHz); TA = 25°C, bold values indicate –40°C ≤ TA ≤ +85°C; current flow into device pins is positive; unless
noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
I
OP
Operating Current
continuous operation
10
13.5
mA
18.5
10:1 duty cycle
1
mA
I
STBY
Standby Current
V
T/R = VSHUT = VDD
11
µA
RF Section, IF Section
Receiver Sensitivity
Notes 4, 6
–81
–84
dBm
f
IF
IF Center Frequency
Note 7
2.496
MHz
f
BW
IF 3dB Bandwidth
Notes 7
1.2
MHz
Maximum Receive Data Rate
115
kb/s
f
ANT
RF Input Range
800
1000
MHz
Receive Modulation Duty-Cycle
20
80
%
Maximum Receiver Input
R
S = 50Ω
–10
dBm
Spurious Reverse Isolation
ANT pin, R
SC = 50Ω, Note 5
30
µVrms
AGC Attack to Decay Ratio
t
ATTACK ÷ tDECAY, Note 9
0.1
AGC Leakage Current
T
A = +85°C, VSHUT = VDD or VT/R = VDD, Note 9
±200
nA
Reference Oscillator
Synthesizer Stabilization Time
to 1% of final value
1.2
ms
Z
REFOSC
Reference Oscillator
300
k
Ω
Input Impedance
OSC Input Voltage
300
mVp-p
Demodulator
Z
CTH
CTH Source Impedance
Note 8, 9
26
k
Ω
∆Z
CTH
CTH Source Impedance Variation
Note 9
±15
%
Demodulator Filter Bandwidth
Notes 7
300
kHz
Absolute Maximum Ratings (Note 1)
Supply Voltage (V
DDRF, VDDBB) .................................... +7V
Reference Oscillator Input Voltage (V
REFOSC) .......... VDDBB
Input/Output Voltage (V
I/O) ................. VSS–0.3 to VDD+0.3
Junction Temperature (T
J) ...................................... +150°C
Storage Temperature Range (T
S) ............ –65°C to +150°C
Lead Temperature (soldering, 10 sec.) ................... +260
°C
ESD Rating, Note 3
Operating Ratings (Note 2)
Supply Voltage (V
DDRF, VDDBB) ................ +4.75V to +5.5V
Ambient Temperature (T
A) ......................... –40°C to +85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com