Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87414 Datasheet(PDF) 26 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87414
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87414 Datasheet(HTML) 26 Page - National Semiconductor (TI)

Back Button PC87414 Datasheet HTML 22Page - National Semiconductor (TI) PC87414 Datasheet HTML 23Page - National Semiconductor (TI) PC87414 Datasheet HTML 24Page - National Semiconductor (TI) PC87414 Datasheet HTML 25Page - National Semiconductor (TI) PC87414 Datasheet HTML 26Page - National Semiconductor (TI) PC87414 Datasheet HTML 27Page - National Semiconductor (TI) PC87414 Datasheet HTML 28Page - National Semiconductor (TI) PC87414 Datasheet HTML 29Page - National Semiconductor (TI) PC87414 Datasheet HTML 30Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 257 page
background image
1.0 Signal/Pin Connection and Description (Continued)
www.national.com
26
Revision1.2
1.4.6
Floppy Disk Controller (FDC)
Signal
Pin(s)
I/O Buffer Type Power Well
Description
DENSEL
74
O
O2/12
VDD
Density Select. Indicates that a high FDC density data rate (500
Kbps, 1 Mbps or 2 Mbps) or a low density data rate (250 or 300
Kbps) is selected.
DIR
65
O
OD12, O2/12
VDD
Direction. Determines the direction of the Floppy Disk Drive
(FDD) head movement (active = step in; inactive = step out)
during a seek operation.
DR1
DR0
70
67
O
OD12,O2/12
VDD
Drive Select. Decoded output signals in Two-Drive mode or
encoded signals in Four-Drive mode. Controlled by bits 1 and 0 of
the Digital Output Register (DOR).
DRATE0
73
O
O3/6
VDD
Data Rate. Reflects the value of bit 0 of the Configuration Control
Register (CCR) or the Data Rate Select Register (DSR), whichever
was written to last.
DSKCHG
57
I
INT
VDD
Disk Change. Indicates if the drive door has been opened.
HDSEL
58
O
OD12,O2/12
VDD
Head Select. Determines which side of the FDD is accessed.
Active low selects side 1; inactive selects side 0.
INDEX
72
I
INT
VDD
Index. Indicates the beginning of an FDD track.
MSEN0
45
I
INT
VDD
Automatic Media Sense. Identifies the media type of the floppy
disk in drives 1 and 0 (if the drives support this protocol).
MTR1
MTR0
66
71
O
OD12,O2/12
VDD
Motor Select. Active low, motor enable lines for drives 1 and 0,
controlled by bits D7-4 of the Digital Output Register (DOR). MTR0 is
used to decode DR1 and DR0 in Four-Drive mode.
RDATA59
I
INT
VDD
Read Data. Raw serial input data stream read from the FDD.
STEP
64
O
OD12,O2/12
VDD
Step. Issues pulses to the disk drive at a software programmable
rate to move the head during a seek operation.
TRK0
61
I
INT
VDD
Track 0. Indicates to the controller that the head of the selected
floppy disk drive is at track 0.
WDATA63
O
OD12,O2/12
VDD
Write Data. Carries out the pre-compensated serial data that is
written to the FDD. Pre-compensation is software selectable.
WGATE
62
O
OD12,O2/12
VDD
Write Gate. Enables the write circuitry of the selected FDD.
WGATE is designed to prevent glitches during power-up and
power-down. This prevents writing to the disk when power is
cycled.
WP
60
I
INT
VDD
Write Protected. Indicates that the disk in the selected drive is
write protected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com