Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87414 Datasheet(PDF) 74 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87414
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87414 Datasheet(HTML) 74 Page - National Semiconductor (TI)

Back Button PC87414 Datasheet HTML 70Page - National Semiconductor (TI) PC87414 Datasheet HTML 71Page - National Semiconductor (TI) PC87414 Datasheet HTML 72Page - National Semiconductor (TI) PC87414 Datasheet HTML 73Page - National Semiconductor (TI) PC87414 Datasheet HTML 74Page - National Semiconductor (TI) PC87414 Datasheet HTML 75Page - National Semiconductor (TI) PC87414 Datasheet HTML 76Page - National Semiconductor (TI) PC87414 Datasheet HTML 77Page - National Semiconductor (TI) PC87414 Datasheet HTML 78Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 257 page
background image
3.0 Device Architecture and Configuration (Continued)
www.national.com
74
Revision1.2
3.14.5
GPIO Event Routing Register (GPEVR)
This register enables the routing of the GPIO event (see Section 7.3.2 on page 138) to IRQ and/or SIOSMI signals. It is
implemented only for Ports 1 and 4, which have wake-up event detection capability. This register is reset by hardware to 01h.
Power Well:VSB
Location:Index F2h
Type:
R/W
3.14.6
GPIO Pin Configuration Register 2 (GPCFG2)
This register controls the access to the GPIO pin from one of the two buses. This register is reset by hardware to 00h.
Power Well:VSB
Location:Index F3h
Type:
R/W or RO
Bit
76543210
Name
Reserved
EV2SMI
EV2IRQ
Reset
00000001
Bit
Description
7-2
Reserved.
1
EV2SMI (Event to SMI Routing). Controls the routing of the event from the selected GPIO pin to SIOSMI (see
Section 7.3 on page 137).
0: Disabled (default)
1: Enabled
0
EV2IRQ (Event to IRQ Routing). Controls the routing of the event from the selected GPIO pin to IRQ (see
Section 7.3 on page 137).
0: Disabled
1: Enabled (default)
Bit
76543210
Name
Reserved
BUSCTL
VDDLOAD
Reserved
Reset
00000000
Bit
Description
7
Reserved.
6-5
BUSCTL (Bus Control). These bits select the bus (ACCESS.bus or LPC bus) that controls the configuration and
data of the selected GPIO pin. The bus not selected has read-only access to the GPCFG1, GPCFG2 and GPEVR
registers and to the corresponding bit in the GPDO, GPEVEN and GPEVST registers (see Section 7.4.2 on
page 140). In the PC87414 and PC87416, these bits are irrelevant because only the LPC bus is available.
Bits
6 5
Function
0 0:
Access from ACCESS.bus and LPC bus (default)
0 1:
Access from ACCESS.bus only
1 0:
Access from LPC bus only
1 1:
Reserved
4
VDDLOAD (VDD-Powered Load). This bit indicates that the selected GPIO pin is connected to a device
powered by VDD. The input and output (including the internal pull-up) of such a GPIO pin are disabled whenever
VDD power to the PC8741x device falls below a certain value (see Section 11.1.5 on page 232).
0: GPIO pin connected to a VSB-powered load (default)
1: GPIO pin connected to a VDD-powered load
3-0
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com