Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87414 Datasheet(PDF) 71 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87414
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87414 Datasheet(HTML) 71 Page - National Semiconductor (TI)

Back Button PC87414 Datasheet HTML 67Page - National Semiconductor (TI) PC87414 Datasheet HTML 68Page - National Semiconductor (TI) PC87414 Datasheet HTML 69Page - National Semiconductor (TI) PC87414 Datasheet HTML 70Page - National Semiconductor (TI) PC87414 Datasheet HTML 71Page - National Semiconductor (TI) PC87414 Datasheet HTML 72Page - National Semiconductor (TI) PC87414 Datasheet HTML 73Page - National Semiconductor (TI) PC87414 Datasheet HTML 74Page - National Semiconductor (TI) PC87414 Datasheet HTML 75Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 257 page
background image
3.0 Device Architecture and Configuration (Continued)
Revision 1.2
71
www.national.com
3.14.2
Logical Device 7 (GPIO) Configuration
Table 25 lists the configuration registers that affect the GPIO. Only the last three registers (F0h - F2h) are described here.
See Section 3.2.3 on page 40 for a detailed description of the other configuration registers. The standard configuration reg-
isters are powered by VDD, however the specific configuration registers are powered by VSB.
Table 25. GPIO Configuration Register
Figure 6 shows the organization of these registers:
Figure 6. Organization of GPIO Pin Registers
Index
Configuration Register or Action
Type
Power Well
Reset
30h
Activate (see Section 3.2.3 on page 40).
R/W
VDD
00h
60h
Base Address MSB register.
R/W
VDD
00h
61h
Base Address LSB register. Bits 4-0 (for A4-0) are read-only 00000b.
R/W
VDD
00h
70h
Interrupt Number and Wake-Up on IRQ Enable register.
R/W
VDD
00h
71h
Interrupt Type. Bit 1 is read/write. Other bits are read only.
R/W
VDD
03h
74h
Report no DMA assignment.
RO
VDD
04h
75h
Report no DMA assignment.
RO
VDD
04h
F0h
GPIO Pin Select register (GPSEL).
R/W
VSB
00h
F1h
GPIO Pin Configuration register 1 (GPCFG1).
R/W
VSB
See text
F2h
GPIO Pin Event Routing register (GPEVR).
R/W
VSB
01h
F3h
GPIO Pin Configuration register 2 (GPCFG2).
R/W
VSB
00h
Port 4, Pin 0
Port 5, Pin 0
Port 6, Pin 0
GPIO Pin
Configuration Registers
Pin Select
Port Select
Port 0, Pin 0
GPIO Pin Select Register
GPIO Pin Event
Routing Register
Port 0, Pin 7
Port 0
Port 6
Pin 0
Pin 7
Port 1, Pin 0
Port 2, Pin 0
Port 3, Pin 0
Port 1
Pin 0
Pin 7
Port 4
Port 1, Pin 0
Port 4, Pin 0
Port 1, Pin 7
(Index F0h)
(Index F1h)
(Index F2h)
(Index F3h)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com