Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87414 Datasheet(PDF) 42 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87414
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87414 Datasheet(HTML) 42 Page - National Semiconductor (TI)

Back Button PC87414 Datasheet HTML 38Page - National Semiconductor (TI) PC87414 Datasheet HTML 39Page - National Semiconductor (TI) PC87414 Datasheet HTML 40Page - National Semiconductor (TI) PC87414 Datasheet HTML 41Page - National Semiconductor (TI) PC87414 Datasheet HTML 42Page - National Semiconductor (TI) PC87414 Datasheet HTML 43Page - National Semiconductor (TI) PC87414 Datasheet HTML 44Page - National Semiconductor (TI) PC87414 Datasheet HTML 45Page - National Semiconductor (TI) PC87414 Datasheet HTML 46Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 257 page
background image
3.0 Device Architecture and Configuration (Continued)
www.national.com
42
Revision1.2
Table 15. Special Logical Device Configuration Registers
3.2.4
Standard Configuration Registers
Figure 4. Configuration Register Map
ServerI/O Control and Configuration Registers
The ServerI/O configuration registers at indexes 20h (ServerI/O ID) and 27h (ServerI/O Revision ID) are used for part iden-
tification. The other configuration registers are used for global power management and selecting pin multiplexing options.
For details, see Section 3.7 on page 48.
Logical Device Control and Configuration Registers
A subset of these registers is implemented for each logical device. See functional block descriptions in the following sections.
Index
Register Name
Description
F0h-FEh
Logical Device
Configuration
Special (vendor-defined) configuration options.
ServerI/O Control and
Configuration Registers
Logical Device Control and
one per Logical Device
Configuration Registers -
Index
Register Name
07h
Logical Device Number
20h
ServerI/O ID
21h
ServerI/O Configuration 1
22h
ServerI/O Configuration 2
23h
ServerI/O Configuration 3
24h
ServerI/O Configuration 4
25h
ServerI/O Configuration 5
26h
ServerI/O Configuration 6
27h
ServerI/O Revision ID
28h
ServerI/O Configuration 8
29h
Clock Generator Configuration
2Ah
ACCESS.bus Configuration
2Bh - 2Fh
Reserved for National use
30h
Logical Device Control (Activate)
60h
I/O Base Address Descriptor 0 Bits 15-8
61h
I/O Base Address Descriptor 0 Bits 7-0
62h
I/O Base Address Descriptor 1 Bits 15-8
63h
I/O Base Address Descriptor 1 Bits 7-0
70h
Interrupt Number and Wake-Up on IRQ Enable
71h
IRQ Type Select
74h
DMA Channel Select 0
75h
DMA Channel Select 1
F0h - FFh
Device Specific Logical Device Configuration
(some are optional)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com