Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87414 Datasheet(PDF) 65 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87414
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87414 Datasheet(HTML) 65 Page - National Semiconductor (TI)

Back Button PC87414 Datasheet HTML 61Page - National Semiconductor (TI) PC87414 Datasheet HTML 62Page - National Semiconductor (TI) PC87414 Datasheet HTML 63Page - National Semiconductor (TI) PC87414 Datasheet HTML 64Page - National Semiconductor (TI) PC87414 Datasheet HTML 65Page - National Semiconductor (TI) PC87414 Datasheet HTML 66Page - National Semiconductor (TI) PC87414 Datasheet HTML 67Page - National Semiconductor (TI) PC87414 Datasheet HTML 68Page - National Semiconductor (TI) PC87414 Datasheet HTML 69Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 257 page
background image
3.0 Device Architecture and Configuration (Continued)
Revision 1.2
65
www.national.com
3.11 SERIAL PORT 1 CONFIGURATION
3.11.1
General Description
Serial Port 1 provides UART functionality by supporting serial data communication with remote peripheral device or modem.
The functional blocks can function as a standard 16450 or 16550 or as an Extended UART.
Serial Port 1 includes the same register banks and runtime registers as Serial Port 2 (see Section 10.3 on page 225). All the
registers are VDD powered.
3.11.2
Logical Device 3 (SP1) Configuration
Table 20 lists the configuration registers that affect Serial Port 1. Only the last register (F0h) is described here. See Section
3.2.3 on page 40 for descriptions of the other configuration registers. All these registers are VDD powered.
Table 20. Serial Port 1 Configuration Registers
Index
Configuration Register or Action
Type
Power Well
Reset
30h Activate (see Section 3.3.1 on page 43).
R/W
VDD
00h
60h Base Address MSB register. Bits 7-3 (for A15-11) are read only, 00000b.
R/W
VDD
03h
61h Base Address LSB register. Bit 2-0 (for A2-0) are read only, 000b.
R/W
VDD
F8h
70h Interrupt Number and Wake-Up on IRQ Enable register.
R/W
VDD
04h
71h Interrupt Type. Bit 1 is R/W; other bits are read only.
R/W
VDD
03h
74h Report no DMA Assignment.
RO
VDD
04h
75h Report no DMA Assignment.
RO
VDD
04h
F0h Serial Port 1 Configuration register.
R/W
VDD
02h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com