Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87414 Datasheet(PDF) 49 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87414
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87414 Datasheet(HTML) 49 Page - National Semiconductor (TI)

Back Button PC87414 Datasheet HTML 45Page - National Semiconductor (TI) PC87414 Datasheet HTML 46Page - National Semiconductor (TI) PC87414 Datasheet HTML 47Page - National Semiconductor (TI) PC87414 Datasheet HTML 48Page - National Semiconductor (TI) PC87414 Datasheet HTML 49Page - National Semiconductor (TI) PC87414 Datasheet HTML 50Page - National Semiconductor (TI) PC87414 Datasheet HTML 51Page - National Semiconductor (TI) PC87414 Datasheet HTML 52Page - National Semiconductor (TI) PC87414 Datasheet HTML 53Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 257 page
background image
3.0 Device Architecture and Configuration (Continued)
Revision 1.2
49
www.national.com
3.7.1
ServerI/O ID Register (SID)
This register contains the identity number of the device family. The PC8741x family is identified by the value EEh.
Power Well:VSB
Location:Index 20h
Type:
RO
3.7.2
ServerI/O Configuration 1 Register (SIOCF1)
Power Well:VSB
Location:Index 21h
Type:
Varies per bit
Bit
76543210
Name
Family ID
Reset
EEh
Bit
Description
7-0
Family ID. These bits identify a family of devices with similar functionality but with different implemented
options.
Bit
76
5
43210
Name
LOCKMCF
LOCKGCF
Reserved
IOWAIT
HSWRST
GLOBEN
Reset
0
0
0
10001
Bit
Type
Description
7
R/W1S LOCKMCF (Lock Multiplexing Configuration). When set to 1, this bit locks the configuration of
registers SIOCF1, SIOCF2, SIOCF3, SIOCF4 and SIOCF5 by disabling writing to all bits in these
registers (including the LOCKMCF bit itself), except for the LOCKGCF, HSWRST and GLOBEN bits of
SIOCF1. Once set, this bit can be cleared either by VDD Power-Up reset (or Hardware reset) or by VSB
Power-Up reset, according to the VSBLOCK bit in the ACBLKCTL register (see Section 6.3.4 on
page 128). In addition, this bit is cleared by setting the UNLOCKM bit in the ACBLKCTL register
(PC87413 and PC787417).
0: R/W bits are enabled for write (default)
1: All bits are RO
6
R/W1S LOCKGCF (Lock GPIO Pins Configuration). When set to 1, this bit locks the configuration registers
of all the GPIO pins (see Section 3.14.2 on page 71) by disabling writing to all their bits (including the
LOCKGCF bit itself). Once set, this bit can be cleared either by VDD Power-Up reset (or Hardware
reset) or by VSB Power-Up reset, according to the VSBLOCK bit in the ACBLKCTL register (see
Section 6.3.4 on page 128). In addition, this bit is cleared by setting the UNLOCKG bit in the
ACBLKCTL register
(PC87413 and PC787417).
0: R/W bits are enabled for write (default)
1: All bits are RO
5-4
Reserved (must be ‘01’).
3-2
R/W or
RO
IOWAIT (Number of I/O Wait States). These bits set the number of wait states for I/O transactions
through the LPC bus.
Bits
3 2
Number of wait states
0 0:
0 (Zero - default)
0 1:
2
1 0:
6
1 1:
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com