Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87414 Datasheet(PDF) 40 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87414
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87414 Datasheet(HTML) 40 Page - National Semiconductor (TI)

Back Button PC87414 Datasheet HTML 36Page - National Semiconductor (TI) PC87414 Datasheet HTML 37Page - National Semiconductor (TI) PC87414 Datasheet HTML 38Page - National Semiconductor (TI) PC87414 Datasheet HTML 39Page - National Semiconductor (TI) PC87414 Datasheet HTML 40Page - National Semiconductor (TI) PC87414 Datasheet HTML 41Page - National Semiconductor (TI) PC87414 Datasheet HTML 42Page - National Semiconductor (TI) PC87414 Datasheet HTML 43Page - National Semiconductor (TI) PC87414 Datasheet HTML 44Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 257 page
background image
3.0 Device Architecture and Configuration (Continued)
www.national.com
40
Revision1.2
3.2.3
Standard Configuration Register Definitions
In the registers below, any undefined bit is reserved. Unless otherwise noted, the following definitions also hold true:
• All registers are read/write.
• All reserved bits return 0 on reads, except where noted otherwise. To prevent unpredictable results, do not modify these
bits. Use read-modify-write to prevent the values of reserved bits from being changed during write.
• Write-only registers must not use read-modify-write during updates.
Table 10. Standard General Configuration Registers
Table 11. Logical Device Activate Register
Table 12. I/O Space Configuration Registers
Index
Register Name
Description
07h
Logical Device
Number
This register selects the current logical device. See Table 9 for valid numbers. All
other values are reserved.
20h - 2Fh
ServerI/O
Configuration
ServerI/O configuration registers and ID registers.
Index
Register Name
Description
30h
Activate
Bit 0 - Logical device activation control (see Section 3.3 on page 43)
0: Disabled
1: Enabled
Bits 7-1 - Reserved
Index
Register Name
Description
60h
I/O Port Base
Address Bits (15-8)
Descriptor 0
Indicates selected I/O lower limit address bits 15-8 for I/O Descriptor 0.
61h
I/O Port Base
Address Bits (7-0)
Descriptor 0
Indicates selected I/O lower limit address bits 7-0 for I/O Descriptor 0.
62h
I/O Port Base
Address Bits (15-8)
Descriptor 1
Indicates selected I/O lower limit address bits 15-8 for I/O Descriptor 1.
63h
I/O Port Base
Address Bits (7-0)
Descriptor 1
Indicates selected I/O lower limit address bits 7-0 for I/O Descriptor 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com