Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87414 Datasheet(PDF) 78 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87414
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87414 Datasheet(HTML) 78 Page - National Semiconductor (TI)

Back Button PC87414 Datasheet HTML 74Page - National Semiconductor (TI) PC87414 Datasheet HTML 75Page - National Semiconductor (TI) PC87414 Datasheet HTML 76Page - National Semiconductor (TI) PC87414 Datasheet HTML 77Page - National Semiconductor (TI) PC87414 Datasheet HTML 78Page - National Semiconductor (TI) PC87414 Datasheet HTML 79Page - National Semiconductor (TI) PC87414 Datasheet HTML 80Page - National Semiconductor (TI) PC87414 Datasheet HTML 81Page - National Semiconductor (TI) PC87414 Datasheet HTML 82Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 257 page
background image
3.0 Device Architecture and Configuration (Continued)
www.national.com
78
Revision1.2
3.15.4
X-Bus I/O Configuration Register (XIOCNF)
This register is reset by hardware to 00h.
Power Well:VSB
Location:Index F0h
Type:
Varies per bit
Bit
76543210
Name
LOCKIOMP
Reserved
TSTADEN
UDIOZEN3
UDIOZEN2
UDIOZEN1
UDIOZEN0
Reset
00000000
Figure 9. Memory Block Mapping
Host Memory Space
0000 0000h
FFFF FFFFh
Memory Base Address (High, Low)
Memory Zone Size
BIOS Size
BIOS Size
User-Defined Memory Zone 0 (MEM 0)
BIOS Zone 1 (BIOS 1)
BIOS Zone 0 (BIOS 0)
Legacy BIOS Address space
Memory Zone Size
User-Defined Memory Zone 1 (MEM 1)
Figure 10. FWH Memory Mapping
FWH Space
0000 0000h
FFFF FFFFh
BIOS Size
BIOS Size
BIOS Zone 1 (BIOS 1)
BIOS Zone 0 (BIOS 0)
FWH ID Match



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com