Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSP1021 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # VSP1021
Description  3-V, 10-BIT, 25-MSPS, LOW-POWER AREA CCD ANALOG FRONT END
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

VSP1021 Datasheet(HTML) 6 Page - Texas Instruments

Back Button VSP1021 Datasheet HTML 2Page - Texas Instruments VSP1021 Datasheet HTML 3Page - Texas Instruments VSP1021 Datasheet HTML 4Page - Texas Instruments VSP1021 Datasheet HTML 5Page - Texas Instruments VSP1021 Datasheet HTML 6Page - Texas Instruments VSP1021 Datasheet HTML 7Page - Texas Instruments VSP1021 Datasheet HTML 8Page - Texas Instruments VSP1021 Datasheet HTML 9Page - Texas Instruments VSP1021 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
VSP1021
3V, 10BIT, 25MSPS, LOW POWER
AREA CCD ANALOG FRONT END
SLES016C− FEBRUARY 2002 − REVISED MARCH 2004
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range, TA = 25°C,
AVDD = DVDD = 3 V, ADCCLK = 25 MHz (unless otherwise noted) (continued)
reference voltages
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Internal bandgap-voltage reference
1.43
1.50
1.58
V
Temperature coefficient
100
ppm/
°C
Voltage-reference noise
0.5
LSB
ADC Ref+
Externally decoupled
2
V
ADC Ref−
Externally decoupled
1
V
digital specifications
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Logic Inputs
IIH
High-level input current
DVDD = 3 V
−10
10
A
IIL
Low-level input current
DVDD = 3 V
−10
10
µA
Ci
Input capacitance
5
pF
Logic Outputs
VOH
High-level output voltage
IOH = 50 µA,
DIVDD = 3 V
DIVDD−0.4
V
VOL
Low-level output voltage
IOL = 50 µA,
DIVDD = 3 V
0.4
V
IOZ
High-impedance-state output current
±10
µA
CO
Output capacitance
5
pF
key timing requirements
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tSRW
SR pulse width
Measured at 50% of pulse
height, recommend to use 1/4
of ADCCLK cycle
10
ns
tSVW
SV pulse width
Measured at 50% of pulse
height, recommend to use 1/4
of ADCCLK cycle
10
ns
tSRD
Delay between the SR rising edge (SR active low) and
the actual sampling instant
Measured at 50% of pulse
height
5
ns
tSVD
Delay between the SV falling edge (SV active low) and
the actual instant of sampling the video signal
Measured at 50% of pulse
height
8
ns
tADC_SV
Delay between the SV falling edge (SV active low) and
the ADCCLK rising edge
Measured at 50% of pulse
height
10
ns
tOD
ADCCLK-to-output data delay
Measured at 50% of pulse
height
6
ns
Maximum internal delay for SR, SV, and ADCCLK timing
signals
With 16 programmable delay
steps
7.5
ns
SR, SV, and ADCCLK delay resolution
0.5
ns
tCSF
CS falling edge to SCLK rising edge when SCKP = 1, or
CS falling edge to SCLK falling edge when SCKP = 0
Measured at 50% of pulse
height
0
ns
tCSR
SCLK falling edge to CS rising edge when SCKP = 1, or
SCLK falling edge to CS falling edge when SCKP = 0
Measured at 50% of pulse
height
5
ns
NOTE: tSRD, tSVD, and tADC_SV minimum requirements are measured while the registers for internal delay are programmed to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com