Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSP1021 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # VSP1021
Description  3-V, 10-BIT, 25-MSPS, LOW-POWER AREA CCD ANALOG FRONT END
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

VSP1021 Datasheet(HTML) 12 Page - Texas Instruments

Back Button VSP1021 Datasheet HTML 8Page - Texas Instruments VSP1021 Datasheet HTML 9Page - Texas Instruments VSP1021 Datasheet HTML 10Page - Texas Instruments VSP1021 Datasheet HTML 11Page - Texas Instruments VSP1021 Datasheet HTML 12Page - Texas Instruments VSP1021 Datasheet HTML 13Page - Texas Instruments VSP1021 Datasheet HTML 14Page - Texas Instruments VSP1021 Datasheet HTML 15Page - Texas Instruments VSP1021 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
VSP1021
3V, 10BIT, 25MSPS, LOW POWER
AREA CCD ANALOG FRONT END
SLES016C− FEBRUARY 2002 − REVISED MARCH 2004
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
REGISTER DEFINITION
optical black Vb setup register format (05H)
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
X
X
X
X
X
NOB
VB3
VB2
VB1
VB0
optical black Vb setup register description
BIT
NAME
DESCRIPTION
D9−D5
X
Reserved
D4
NOB
This bit controls the OB output.
0 = OB output is not affected by the Vb setting and it is always 0.
1 = OB output corresponds to the Vb setting (VB3−VB0).
D3−D0
VB3−VB0
VB3
VB2
VB1
VB0
OB output (when NOB = 1)
0
0
0
0
20 (default)
0
0
0
1
21
:
:
1
1
1
1
35
Default optical black Vb setup register value = 00 0000 0000
NOTE: If NOB (D4) is set to 0, VB3−VB0 (D3−D0) has no effect. The output OB is 0.
If NOB is set to 1, the output OB is defined by VB3−VB0, and ranges from 20 LSB to 35 LSB.
control register 2 format (06H)
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
ADL3
ADL2
ADL1
ADL0
X
X
X
GNDV
MOD
X
control register 2 description
BIT
NAME
DESCRIPTION
D9−D6
ADL3−ADL0
These four bits set the internal ADCCLK delay.
ADL3
ADL2
ADL1
ADL0
Typical internal delay
0
0
0
0
0 ns (default)
0
0
0
1
0.5 ns
:
:
1
1
1
1
7.5 ns
D5−D3
X
Reserved
D2
GNDV
This bit defines whether to short the video terminal (PIN) to ground (VSS) internally.
0 = No short (default)
1 = Short the video terminal to ground (VSS)
D1
MOD
This bit defines the mode of the input.
0 = CCD mode (default)
1 = Video mode
D0
X
Reserved. Always program this bit to 0.
Default register value = 00 0000 0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com