Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSP1021 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # VSP1021
Description  3-V, 10-BIT, 25-MSPS, LOW-POWER AREA CCD ANALOG FRONT END
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

VSP1021 Datasheet(HTML) 9 Page - Texas Instruments

Back Button VSP1021 Datasheet HTML 5Page - Texas Instruments VSP1021 Datasheet HTML 6Page - Texas Instruments VSP1021 Datasheet HTML 7Page - Texas Instruments VSP1021 Datasheet HTML 8Page - Texas Instruments VSP1021 Datasheet HTML 9Page - Texas Instruments VSP1021 Datasheet HTML 10Page - Texas Instruments VSP1021 Datasheet HTML 11Page - Texas Instruments VSP1021 Datasheet HTML 12Page - Texas Instruments VSP1021 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
VSP1021
3V, 10BIT, 25MSPS, LOW POWER
AREA CCD ANALOG FRONT END
SLES016C− FEBRUARY 2002 − REVISED MARCH 2004
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
† DIVDD is recommended to have a ferrite bead to filter the power transients.
NOTE: All analog outputs should be buffered if the load is resistive or if the load is capacitive with more than 2 pF loading.
The decoupling capacitors for the power supplies must be placed as close as possible to these terminals.
3 V
VSP1021PFB
AREA
CCD
SR Input
SV Input
CLAMP Input
DIVDD
DVDD
AVDD
3 V
1.8 V to 3.6 V
Ground
OBCLP Input
BLKG Input
ADCCLK Input
DAC1 Output
DAC2 Output
SCKP Input
RESET Input
STBY Input
SDIN Input
SCLK Input
CS Input
OE Input
AVDD
D[9−0]
DVDD
AVDD
1
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
1
µF
0.1
µF
0.1
µF
1
µF
1
µF
1
µF
DIVDD†
0.1
µF
AVDD
Video
Input
0.1
µF
0.1
µF
AVDD
RBD
RPD
RMD
AVDD
AVSS
OE
RESET
STBY
SCKP
CS
SDIN
SCLK
37
38
39
40
41
42
43
44
45
46
47
48
AVDD
CLAMP
SV
SR
OBCLP
BLKG
NC
DVDD
ADCCLK
DVSS
DIVSS
DIVDD
24
23
22
21
20
19
18
17
16
15
14
13
R
0.1
µF
AVDD
Figure 4. Typical Application Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com