Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSP1021 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # VSP1021
Description  3-V, 10-BIT, 25-MSPS, LOW-POWER AREA CCD ANALOG FRONT END
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

VSP1021 Datasheet(HTML) 10 Page - Texas Instruments

Back Button VSP1021 Datasheet HTML 6Page - Texas Instruments VSP1021 Datasheet HTML 7Page - Texas Instruments VSP1021 Datasheet HTML 8Page - Texas Instruments VSP1021 Datasheet HTML 9Page - Texas Instruments VSP1021 Datasheet HTML 10Page - Texas Instruments VSP1021 Datasheet HTML 11Page - Texas Instruments VSP1021 Datasheet HTML 12Page - Texas Instruments VSP1021 Datasheet HTML 13Page - Texas Instruments VSP1021 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
VSP1021
3V, 10BIT, 25MSPS, LOW POWER
AREA CCD ANALOG FRONT END
SLES016C− FEBRUARY 2002 − REVISED MARCH 2004
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
REGISTER DEFINITION
serial input data format
DI15
DI14
DI13
DI12
DI11
DI10
DI9
DI8
DI7
DI6
DI5
DI4
DI3
DI2
DI1
DI0
X
X
A3
A2
A1
A0
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
A3
A2
A1
A0
D9−D0
0
0
0
0
Control register 1
10-bit data to be written into the selected register
0
0
0
1
PGA gain register
0
0
1
0
User DAC1 register
0
0
1
1
User DAC2 register
0
1
0
0
SR/SV delay
0
1
0
1
Optical-black Vb setup register
0
1
1
0
Control register 2
control register 1 format (00H)
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
STBY
PDD2
PDD1
DACD
X
X
X
PSVR
X
RTSY
control register 1 description
BIT
NAME
DESCRIPTION
D9
STBY
Device global power-down control:
1 = Standby
0 = Active (default)
D8
PDD2
Power down the user DAC2:
0 = Active (default)
1 = Standby
D7
PDD1
Power down the user DAC1:
0 = Active (default)
1 = Standby
D6
DACD
Sustain the user DACs in global standby
0 = User DACs are in standby during global standby (default)
1 = User DACs are not in standby during global standby
D5
X
Reserved
D4
X
Reserved
D3
X
Reserved
D2
PSVR
This bit sets the polarity of the SV/SR.
0 = SV and SR are active low (default)
1 = SV and SR are active high
D1
X
Reserved
D0
RTSY
Writing 1 to this bit resets the entire system to the default settings (active high).
Default = 00 0000 0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com