Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSP1021 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # VSP1021
Description  3-V, 10-BIT, 25-MSPS, LOW-POWER AREA CCD ANALOG FRONT END
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

VSP1021 Datasheet(HTML) 14 Page - Texas Instruments

Back Button VSP1021 Datasheet HTML 9Page - Texas Instruments VSP1021 Datasheet HTML 10Page - Texas Instruments VSP1021 Datasheet HTML 11Page - Texas Instruments VSP1021 Datasheet HTML 12Page - Texas Instruments VSP1021 Datasheet HTML 13Page - Texas Instruments VSP1021 Datasheet HTML 14Page - Texas Instruments VSP1021 Datasheet HTML 15Page - Texas Instruments VSP1021 Datasheet HTML 16Page - Texas Instruments VSP1021 Datasheet HTML 17Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
VSP1021
3V, 10BIT, 25MSPS, LOW POWER
AREA CCD ANALOG FRONT END
SLES016C− FEBRUARY 2002 − REVISED MARCH 2004
14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
internal timing
As previously explained, the SR and SV signals are required to operate the CDS. Users need to synchronize
the SR and SV clocks with the CCD signal waveform. The ADCCLK signal fine tunes the databus output in
relation to the CDS timing to achieve optimal performance (see Figure 2).
The CLAMP signal activates the clamping circuit for the input signal. The OBCLP signal activates the
optical-black calibration, and the active portion (the low pulse) of this signal must be within the optical-black
period of the CCD (see Figure 1).
ADC
The ADC employs a pipelined architecture to achieve high throughput and low-power consumption.
Fully-differential implementation and digital-error correction ensure 10-bit resolution.
The latency of the ADC data output is the default five ADCCLK cycles as shown in Figure 2. Pulling terminal 42
(OE) high puts the ADC output in high impedance.
automatic optical black calibration
In the VSP1021 device, the optical black and the system channel offset corrections are performed by an
automatic analog-feedback loop. During the optical-black-calibration interval (OBCLP = low) of each line, the
optical-black pixels plus the channel offset are sampled and compared with the desired black level specified
in the optical-black Vb setup register. The difference is then integrated and added to incoming pixel data at the
PGA input. This analog feedback loop will calibrate the PGA output to the desired black pixel level, which can
be programmed to either zero or from 20 LSBs to 35 LSBs in 1-LSB/step resolution via the serial port. The OB
calibration settles within approximately 1000 OB pixels in order to avoid line noise.
input blanking function
During the blanking period of CCD operation, large input transients may occur at the VSP1021 input, making
the ADC output unpredictable. Activating the BLKG pulse during this period will ensure a digital code of zero
at the ADC output.
user DACs
The VSP1021 device includes two user DACs that can be utilized for external analog settings. The output
voltage of each DAC can be independently set and has a range of 0 V to the supply voltage, with an 8-bit
resolution. When the user DACs are not used in a camera system, they can be put in the standby mode by
programming control bits in control register 1. The following table defines the status of the user DACs.
SOFTWARE/HARDWARE
GLOBAL STANDBY
PDD1/PDD2
DACD
STATUS OF
DAC1/DAC2
Active
0
x
Active
Active
1
x
Standby
Standby
0
0
Standby
Standby
0
1
Active
Standby
1
x
Standby
NOTE:
The hardware global standby is set by pulling down terminal 44 (STBY) of the VSP1021 device. The
software global standby is controlled by setting bit D9 (STBY) in control register 1 to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com