Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSP1021 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # VSP1021
Description  3-V, 10-BIT, 25-MSPS, LOW-POWER AREA CCD ANALOG FRONT END
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

VSP1021 Datasheet(HTML) 11 Page - Texas Instruments

Back Button VSP1021 Datasheet HTML 7Page - Texas Instruments VSP1021 Datasheet HTML 8Page - Texas Instruments VSP1021 Datasheet HTML 9Page - Texas Instruments VSP1021 Datasheet HTML 10Page - Texas Instruments VSP1021 Datasheet HTML 11Page - Texas Instruments VSP1021 Datasheet HTML 12Page - Texas Instruments VSP1021 Datasheet HTML 13Page - Texas Instruments VSP1021 Datasheet HTML 14Page - Texas Instruments VSP1021 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
VSP1021
3V, 10BIT, 25MSPS, LOW POWER
AREA CCD ANALOG FRONT END
SLES016C− FEBRUARY 2002 − REVISED MARCH 2004
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
REGISTER DEFINITION
PGA register format (01H)
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default PGA gain = 00 0000 0000 (0 dB)
NOTE: The gain-code range for CCD mode is 0−767, which covers the 0-dB to 36-dB range in 0.047-dB steps. Users must employ this code range.
The gain stays at 36 dB when the code range is 768 to 1023. For the video mode, the gain code range is 256−512, which covers the 0-dB
to 12-dB range in 0.047-dB steps. Users must employ a 256−512 code range for the video mode. In video mode, the gain code 0−255
must not be used. In video mode, the gain range is from 12 dB to 24 dB for the gain code range of 513 to 767; however, the offset might
be too large for this gain range.
user DAC1 and DAC2 registers format (02H and 03H)
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
X
X
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default user DAC register value = 00 0000 0000
NOTE: The DAC1 and DAC2 codes range from 0 to 255, which covers the 0-to-AVDD output voltages at DACO1 and DACO2 output terminals
with linear correspondence.
SV/SR delay register format (04H)
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
X
X
SRL3
SRL2
SRL1
SRL0
SVL3
SVL2
SVL1
SVL0
SV/SR delay register description
BIT
NAME
DESCRIPTION
D9−D8
X
Reserved
D7−D4
SRL3−SRL0
These four bits set the internal SR delay. Set D7−D4 to 0 in video mode.
SRL3
SRL2
SRL1
SRL0
Typical internal delay
0
0
0
0
0 ns (default)
0
0
0
1
0.5 ns
:
:
1
1
1
1
7.5 ns
D3−D0
SVL3−SVL0
These four bits set the internal SV delay. Set D3−D0 to 0 in video mode.
SVL3
SVL2
SVL1
SVL0
Typical internal delay
0
0
0
0
0 ns (default)
0
0
0
1
0.5 ns
:
:
1
1
1
1
7.5 ns
Default SV/SR delay register value = 00 0000 0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com