Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSP1021 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # VSP1021
Description  3-V, 10-BIT, 25-MSPS, LOW-POWER AREA CCD ANALOG FRONT END
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

VSP1021 Datasheet(HTML) 13 Page - Texas Instruments

Back Button VSP1021 Datasheet HTML 9Page - Texas Instruments VSP1021 Datasheet HTML 10Page - Texas Instruments VSP1021 Datasheet HTML 11Page - Texas Instruments VSP1021 Datasheet HTML 12Page - Texas Instruments VSP1021 Datasheet HTML 13Page - Texas Instruments VSP1021 Datasheet HTML 14Page - Texas Instruments VSP1021 Datasheet HTML 15Page - Texas Instruments VSP1021 Datasheet HTML 16Page - Texas Instruments VSP1021 Datasheet HTML 17Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
VSP1021
3V, 10BIT, 25MSPS, LOW POWER
AREA CCD ANALOG FRONT END
SLES016C− FEBRUARY 2002 − REVISED MARCH 2004
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
CDS/PGA signal processor
In a CCD imaging system, the output from the CCD sensor is differentially fed to the correlated double sampler
(CDS) of the VSP1021 device. The CCD signal is sampled and held during the reset reference interval and the
video signal interval. By subtracting the two resulting voltage levels, the CDS removes low-frequency noise from
the output of the CCD sensor and obtains the voltage difference between the CCD reference level and the video
level of each pixel. Two sample/hold control pulses (SR and SV) are required to perform the CDS function.
The CCD output is capacitively coupled to the VSP1021 device. The CLAMP input clamps the ac-coupling
capacitor to establish the proper dc bias during the dummy pixel interval. The bias at the input to the VSP1021
device is set to 1.2 V. Normally, CLAMP is applied at the sensor’s line rate. A capacitor with a value ten times
larger than that of the input ac-coupling capacitor should be connected between terminal 28 (CLREF) and
AVSS.
The signal is sent to the PGA after completing the CDS function. The PGA gain can be adjusted from 0 to 36 dB
by programming the internal gain register via the serial port. The PGA is digitally controlled with 10-bit resolution
on a linear dB scale, resulting in a 0.047-dB gain step. The gain can be expressed by the following equation:
Gain = PGA code
× 0.047 dB
where the PGA code has a range of 0 to 767.
For example, if the PGA code = 128, then the PGA Gain = 6 dB (a gain of 2).
In CCD mode, users must use the 0−767 range for the PGA-gain code. The gain stays at 36 dB when the code
is from 768 to 1023.
video-mode operation
The VSP1021 device also provides an analog video processing channel that consists of an input clamp, a PGA,
and an ADC. Setting bit D1 (MOD) to 1 in control register 2 enables the video channel. The video signal must
be connected to terminal 31 (PIN) via a 0.1-
µF capacitor as shown in Figure 4.
The video input has its own clamp circuit operated automatically. Around 60 LSB is added to balance the offset
of the output with zero input.
The PGA gain in the video mode can be adjusted from 0 to 12 dB by programming the internal gain register via
the serial port. The PGA is digitally controlled with 10-bit resolution on a linear dB scale, resulting in a 0.047-dB
gain step. The gain can be expressed by the following equation,
Gain = (PGA code−256)
× 0.047 dB
where the PGA code has a range of 256 to 512.
For the video mode, users must utilize the 256 to 512 range for the PGA gain code. The gain code 0−255 must
not be used, and the gain range is from 12 dB to 24 dB for the gain code range of 513 to 767; however, the offset
might be too large for this gain range.
In the video mode, the internal SR and SV delays need to be set to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com