Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSP1021 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # VSP1021
Description  3-V, 10-BIT, 25-MSPS, LOW-POWER AREA CCD ANALOG FRONT END
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

VSP1021 Datasheet(HTML) 1 Page - Texas Instruments

  VSP1021 Datasheet HTML 1Page - Texas Instruments VSP1021 Datasheet HTML 2Page - Texas Instruments VSP1021 Datasheet HTML 3Page - Texas Instruments VSP1021 Datasheet HTML 4Page - Texas Instruments VSP1021 Datasheet HTML 5Page - Texas Instruments VSP1021 Datasheet HTML 6Page - Texas Instruments VSP1021 Datasheet HTML 7Page - Texas Instruments VSP1021 Datasheet HTML 8Page - Texas Instruments VSP1021 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
VSP1021
3V, 10BIT, 25MSPS, LOW POWER
AREA CCD ANALOG FRONT END
SLES016C− FEBRUARY 2002 − REVISED MARCH 2004
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
features
D 10-Bit, 25-MSPS, Analog-to-Digital
Converter (ADC)
D Single Power Supply Operation, 2.7 V to
3.3 V
D Low Power: 95 mW at 2.7 V, Power-Down
Mode: 1 mW
D Full-Channel Differential-Nonlinearity Error:
<
±0.5 LSB Typical
D Full-Channel Integral-Nonlinearity Error:
<
±1.5 LSB Typical
D Dual Input Modes: CCD and Video
D Programmable-Gain Amplifier (PGA) With
0-dB to 36-dB Gain Range (0.047 dB/Step)
for CCD Mode, 0-dB to 12-dB Gain Range
(0.047 dB/Step) for Video Mode
D Serial Interface for Register Configuration
D Programmable Black-Level and Offset
Calibration
D Analog Gain Implementation With Specified
No Missing Code, Even At High Gains
D Additional Digital-to-Analog Converters
(DACs) for External Analog Setting
D Internal Reference Voltages
D Programmable Internal-Timing Signal
Delays
D 48-Terminal TQFP Package
applications
D Digital Still Camera
D Digital Camcorder
D Digital Video Camera
description
The VSP1021 device is a highly-integrated monolithic analog-signal processor/digitizer designed to interface
the area charge-coupled-device (CCD) sensors in digital-camera and camcorder applications. The VSP1021
device performs all the analog processing functions necessary to maximize the dynamic range, corrects various
errors associated with the CCD sensor, and then digitizes the results with an on-chip, high-speed ADC. The key
components of the VSP1021 device include:
D Input clamp circuitry and a correlated double sampler (CDS)
D Programmable-gain amplifier (PGA) with 0-dB to 36-dB gain range for CCD mode and 0-dB to 12-dB range
for video mode
D Two internal DACs for automatic or programmable optical-black-level and offset calibration
D 10-bit, 25-MSPS pipeline ADC for CCD mode and a 28-MSPS ADC for video mode
D Parallel data port for easy microprocessor interface and a serial port for configuring internal control registers
D Two additional DACs for external system control
D Internal reference voltages
The VSP1021 device is designed using advanced CMOS process and operates from a single 3-V power supply
with a normal power consumption of just 95 mW, and 1 mW in power-down mode.
High throughput rate, single 3-V operation, very-low-power consumption, and fully-integrated analog-
processing circuitry make the VSP1021 device an ideal CCD and video-signal-processing solution for electronic
video-camcorder applications.
This device is available in a 48-terminal TQFP package and is specified over an operating temperature range
of –20
°C to 75°C.
AVAILABLE OPTIONS
TA
PACKAGE TQFP (PFB)
−20
°C to 75°C
VSP1021PFB
Copyright
 2004, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - VSP1021

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VSP1021 TI1-VSP1021 Datasheet
628Kb / 6P
3-V, 10-BIT,25-MSPS, LOW-POWER AREA CCD ANALOG FRONT END
VSP1021 TI2-VSP1021 Datasheet
308Kb / 7P
3-V 10-BIT, 25-MSPS, LOW-POWER AREA CCD ANALOG FRONT END
REVISED MARCH 2004
VSP1021PFB TI1-VSP1021PFB Datasheet
628Kb / 6P
3-V, 10-BIT,25-MSPS, LOW-POWER AREA CCD ANALOG FRONT END
VSP1021PFB TI2-VSP1021PFB Datasheet
308Kb / 7P
3-V 10-BIT, 25-MSPS, LOW-POWER AREA CCD ANALOG FRONT END
REVISED MARCH 2004
VSP1021PFB.B TI2-VSP1021PFB.B Datasheet
308Kb / 7P
3-V 10-BIT, 25-MSPS, LOW-POWER AREA CCD ANALOG FRONT END
REVISED MARCH 2004
More results

Similar Description - VSP1021

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAFE1040 TI-TAFE1040 Datasheet
53Kb / 4P
3 V, 10-BIT 42 MSPS, AREA CCD ANALOG FRONT-END
TLV986 TI-TLV986 Datasheet
266Kb / 20P
3-V, 10-BIT, 12.5 MSPS, AREA CCD SENSOR PROCESSOR
TLV987 TI-TLV987 Datasheet
262Kb / 20P
3-V 10-BIT 27 MSPS AREA CCD SENSOR SIGNAL PROCESSOR
TLV990-21 TI-TLV990-21 Datasheet
311Kb / 22P
3-V,10-BIT,21-MSPS AREA CCD ANALOG FRONT END
TLV990-13 TI-TLV990-13 Datasheet
289Kb / 22P
3-V, 10-BIT, 13-MSPS AREA CCD ANALOG FRONT END
VSP10T21 TI-VSP10T21 Datasheet
284Kb / 21P
3-V, 10-BIT, 21-MSPS, ENHANCED TIMING CONTROL CCD ANALOG FRONT END
TLV990-40 TI-TLV990-40 Datasheet
339Kb / 24P
3-V, 10-BIT, 40-MSPS AREA CCD ANALOG FRONT-END
TLV990-28 TI-TLV990-28 Datasheet
322Kb / 22P
3-V, 10-BIT, 28-MSPS AREA CCD ANALOG FRONT END
TLV990-13 TI1-TLV990-13_16 Datasheet
300Kb / 24P
3-V, 10-BIT, 13-MSPS AREA CCD ANALOG FRONT END
VSP1021 TI1-VSP1021_14 Datasheet
628Kb / 6P
3-V, 10-BIT,25-MSPS, LOW-POWER AREA CCD ANALOG FRONT END
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com