Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7836IPAPR Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7836IPAPR
Description  AMC7836 High-Density, 12-Bit Analog Monitor and Control Solution With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC7836IPAPR Datasheet(HTML) 16 Page - Texas Instruments

Back Button AMC7836IPAPR Datasheet HTML 12Page - Texas Instruments AMC7836IPAPR Datasheet HTML 13Page - Texas Instruments AMC7836IPAPR Datasheet HTML 14Page - Texas Instruments AMC7836IPAPR Datasheet HTML 15Page - Texas Instruments AMC7836IPAPR Datasheet HTML 16Page - Texas Instruments AMC7836IPAPR Datasheet HTML 17Page - Texas Instruments AMC7836IPAPR Datasheet HTML 18Page - Texas Instruments AMC7836IPAPR Datasheet HTML 19Page - Texas Instruments AMC7836IPAPR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 88 page
background image
±5
±4
±3
±2
±1
0
1
2
3
4
5
-40
-25
-10
5
20
35
50
65
80
95
110 125
T
A (ƒC)
0V to 10V Range
0V to 5V Range
C001
±25
±20
±15
±10
±5
0
5
10
15
20
25
-40
-25
-10
5
20
35
50
65
80
95
110 125
T
A (ƒC)
-10V to 0V Range
-5V to 0V Range
C001
±1.5
±1.2
±0.9
±0.6
±0.3
0.0
0.3
0.6
0.9
1.2
1.5
-40
-25
-10
5
20
35
50
65
80
95
110 125
T
A (ƒC)
INL MAX
INL MIN
C001
±1.0
±0.8
±0.6
±0.4
±0.2
0.0
0.2
0.4
0.6
0.8
1.0
-40
-25
-10
5
20
35
50
65
80
95
110 125
T
A (ƒC)
DNL MAX
DNL MIN
C001
±1.5
±1.2
±0.9
±0.6
±0.3
0.0
0.3
0.6
0.9
1.2
1.5
-40
-25
-10
5
20
35
50
65
80
95
110 125
T
A (ƒC)
INL MAX
INL MIN
C001
±1.0
±0.8
±0.6
±0.4
±0.2
0.0
0.2
0.4
0.6
0.8
1.0
-40
-25
-10
5
20
35
50
65
80
95
110 125
T
A (ƒC)
DNL MAX
DNL MIN
C001
16
AMC7836
SLAS986C – NOVEMBER 2014 – REVISED APRIL 2016
www.ti.com
Product Folder Links: AMC7836
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Typical Characteristics: DAC (continued)
At TA = 25°C (unless otherwise noted)
Figure 15. DAC Linearity Error vs Temperature
DAC Range: 0 to 5 V
Figure 16. DAC Differential Linearity Error vs Temperature
DAC Range: 0 to 5 V
Figure 17. DAC Linearity Error vs Temperature
DAC Range: –5 to 0 V
Figure 18. DAC Differential Linearity Error vs Temperature
DAC Range: –5 to 0 V
Figure 19. DAC Offset Error vs Temperature
Figure 20. DAC Zero Code Error vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com