Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7836IPAPR Datasheet(PDF) 69 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7836IPAPR
Description  AMC7836 High-Density, 12-Bit Analog Monitor and Control Solution With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC7836IPAPR Datasheet(HTML) 69 Page - Texas Instruments

Back Button AMC7836IPAPR Datasheet HTML 65Page - Texas Instruments AMC7836IPAPR Datasheet HTML 66Page - Texas Instruments AMC7836IPAPR Datasheet HTML 67Page - Texas Instruments AMC7836IPAPR Datasheet HTML 68Page - Texas Instruments AMC7836IPAPR Datasheet HTML 69Page - Texas Instruments AMC7836IPAPR Datasheet HTML 70Page - Texas Instruments AMC7836IPAPR Datasheet HTML 71Page - Texas Instruments AMC7836IPAPR Datasheet HTML 72Page - Texas Instruments AMC7836IPAPR Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 88 page
background image
69
AMC7836
www.ti.com
SLAS986C – NOVEMBER 2014 – REVISED APRIL 2016
Product Folder Links: AMC7836
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
7.6.13.4 Power-Down 1 Register (address = 0xB3) [reset = 0x00]
Figure 111. Power-Down 1 Register (R/W)
7
6
5
4
3
2
1
0
PDAC-D15
PDAC-D14
PDAC-D13
PDAC-D12
PDAC-C11
PDAC-C10
PDAC-C9
PDAC-C8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Table 60. Power-Down 1 Register Field Descriptions
Bit
Field
Type
Reset
Description
7
PDAC-D15
R/W
0
After power-on or reset, all bits in the power-down register are
cleared to 0, and all the components controlled by this register
are either powered-down or off. The power-down register allows
the host to manage the AMC7836 power dissipation. When not
required, any of the DACs can be put into clamp mode and the
ADC and internal reference into an inactive low-power mode to
reduce current drain from the supply. The bits in the power-down
register control this power-down function. Set the respective bit
to 1 to activate the corresponding function.
6
PDAC-D14
R/W
0
5
PDAC-D13
R/W
0
4
PDAC-D12
R/W
0
3
PDAC-C11
R/W
0
2
PDAC-C10
R/W
0
1
PDAC-C9
R/W
0
0
PDAC-C8
R/W
0
7.6.13.5 Power-Down 2 Register (address = 0xB4) [reset = 0x00]
Figure 112. Power-Down 2 Register (R/W)
7
6
5
4
3
2
1
0
Reserved
PREF
PADC
R/W-All zeros
R/W-0
R/W-0
Table 61. Power-Down 2 Register Field Descriptions
Bit
Field
Type
Reset
Description
7-2
Reserved
R/W
All zeros
Reserved for factory use.
1
PREF
R/W
0
After power-on or reset, all bits in the power-down register are
cleared to 0, and all the components controlled by this register
are either powered-down or off. The power-down register allows
the host to manage the AMC7836 power dissipation. When not
required, any of the DACs can be put into clamp mode and the
ADC and internal reference into an inactive low-power mode to
reduce current drain from the supply. The bits in the power-down
register control this power-down function. Set the respective bit
to 1 to activate the corresponding function.
0
PADC
R/W
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com