Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7836IPAPR Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7836IPAPR
Description  AMC7836 High-Density, 12-Bit Analog Monitor and Control Solution With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC7836IPAPR Datasheet(HTML) 40 Page - Texas Instruments

Back Button AMC7836IPAPR Datasheet HTML 36Page - Texas Instruments AMC7836IPAPR Datasheet HTML 37Page - Texas Instruments AMC7836IPAPR Datasheet HTML 38Page - Texas Instruments AMC7836IPAPR Datasheet HTML 39Page - Texas Instruments AMC7836IPAPR Datasheet HTML 40Page - Texas Instruments AMC7836IPAPR Datasheet HTML 41Page - Texas Instruments AMC7836IPAPR Datasheet HTML 42Page - Texas Instruments AMC7836IPAPR Datasheet HTML 43Page - Texas Instruments AMC7836IPAPR Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 88 page
background image
40
AMC7836
SLAS986C – NOVEMBER 2014 – REVISED APRIL 2016
www.ti.com
Product Folder Links: AMC7836
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
7.4.2 All-Negative DAC Range Mode
In the AMC7836 all-negative DAC range mode, each of the four DAC groups is set to a negative voltage output
range (–5 to 0 V or –10 to 0 V).
Although the maximum DAC output does not exceed 0 V, the common AVCC voltage (AVCC = AVCC_AB =
AVCC_CD) must still satisfy a minimum voltage of 4.5 V to comply with the device operating conditions. In this
case a recommended approach is to tie the AVCC, AVDD, and DVDD supply pins to a common potential.
The minimum DAC output for each group cannot be lower than the voltage on the corresponding AVSS pins
(AVEE, AVSSB, AVSSC, and AVSSD). The AVSS pins are not required to be tied to the same potential and typically
the negative voltage at each AVSS pin is dictated by the desired operating DAC negative output range. One
exception is the AVEE pin which must be the lowest potential in the device. The thermal pad should be either tied
to the same potential as the AVEE pin or left disconnected. Table 6 lists the typical configurations for this mode.
Table 6. All-Negative DAC Range Mode Typical Configuration
PIN
NOTES
TYPICAL CONNECTION
AVDD
5 V
DVDD
DVDD must be equal to AVDD.
5 V
IOVDD
IOVDD must be equal to or less than DVDD.
1.8 V to 5 V
AVCC_AB, AVCC_CD
The AVCC_AB and AVCC_CD pins must be tied
to the same potential (AVCC).
5 V
AVEE
AVEE must be the lowest potential in the
device.
AVEE must be less than or equal to the
minimum possible output voltage for DAC
group A.
AVEE ≤ –5 V
AVEE ≤ –10 V
AVSSB, AVSSC, AVSSD
AVSSn must be less than or equal to the
minimum possible output voltage for DAC
group n (n = B, C, D).
AVEE ≤ AVSSn ≤ –5 V
AVEE ≤ AVSSn ≤ –10 V
Thermal Pad
AVEE or,
Floating
After power-on or a reset event the output range for each DAC group is set automatically by the voltage present
in the corresponding AVSS pin. In the all-negative DAC range mode all AVSS pins should be connected to a
voltage lower than AVSSTH. If this condition is satisfied, all four DAC groups will initialize by default to the –10- to
0-V range. Because the negative clamp voltage is only dependent on the voltage in the AVSS pin, the default
–10- to 0-V output range presents no risk even when the AVSS voltage is greater than –10 V. In this case the
DAC group output should be modified to the –5 to 0 V range after initialization by setting the corresponding DAC
range register (address 0x1E to 0x1F) to 101b.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com