Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7836IPAPR Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7836IPAPR
Description  AMC7836 High-Density, 12-Bit Analog Monitor and Control Solution With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC7836IPAPR Datasheet(HTML) 37 Page - Texas Instruments

Back Button AMC7836IPAPR Datasheet HTML 33Page - Texas Instruments AMC7836IPAPR Datasheet HTML 34Page - Texas Instruments AMC7836IPAPR Datasheet HTML 35Page - Texas Instruments AMC7836IPAPR Datasheet HTML 36Page - Texas Instruments AMC7836IPAPR Datasheet HTML 37Page - Texas Instruments AMC7836IPAPR Datasheet HTML 38Page - Texas Instruments AMC7836IPAPR Datasheet HTML 39Page - Texas Instruments AMC7836IPAPR Datasheet HTML 40Page - Texas Instruments AMC7836IPAPR Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 88 page
background image
ADC
12-b
Internal
Reference
(2.5 V)
REF_CMP
C > 4.7 µF
(Minimize
inductance to pin)
Local
Temperatu
re Sensor
AGND2
DAC-0
12-b
DAC-1
12-b
DAC-15
12-b
37
AMC7836
www.ti.com
SLAS986C – NOVEMBER 2014 – REVISED APRIL 2016
Product Folder Links: AMC7836
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
7.3.4 Internal Reference
The AMC7836 device includes a high-performance internal reference for the on-chip ADC and 16 DACs (see
Figure 58). The internal reference is a 2.5 V, bipolar transistor-based, precision bandgap reference. A
compensation capacitor (4.7
μF, typical) should be connected between the REF_CMP pin and the AGND2 pin.
The AMC7836 device includes a buffer to drive the ADC and should not be used to drive any external circuitry.
The ADC reference buffer is powered down by default and should be enabled in the ADC configuration register
(address 0x10) during device initialization.
Figure 58. AMC7836 Internal Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com